Electronic Components Datasheet Search
  English  ▼

X  

STV82X6 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 63Page - STMicroelectronics STV82X6 Datasheet HTML 64Page - STMicroelectronics STV82X6 Datasheet HTML 65Page - STMicroelectronics STV82X6 Datasheet HTML 66Page - STMicroelectronics STV82X6 Datasheet HTML 67Page - STMicroelectronics STV82X6 Datasheet HTML 68Page - STMicroelectronics STV82X6 Datasheet HTML 69Page - STMicroelectronics STV82X6 Datasheet HTML 70Page - STMicroelectronics STV82X6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
67/95
STV82x6
Register List
Note: 1 When the SVC is in Automatic mode (SVC_ON = 1), internal clipping may occur with a high
reference level (REF_LEVEL = -2.5 or -6 dB). The maximum recommended value is -8.5 dB.
2 A mute of the corresponding audio output is recommended before switching ON/OFF. A gain
discontinuity may create annoying audible plops.
SVC_TIME[1:0]
10
Defines the constant time of the gain loop.
Time Constant for 6 dB Amplification
00:
16 s (Default)
01:
8 s
10:
4 s
11:
2 s
SVC_REF[4:0]
00000
Smart Volume Control Reference Level Select
If SVC_ON = 0, this value defines the prescaling gain ranging from -30 dB to +15.5 dB.
If SVC_ON = 1, this value defines the output reference level of the regulation ranging from -2.5 dB
down to -30 dB. The SVC output level must be adjusted to avoid internal clipping due to post-
processing with amplification, i.e. ST/SRS™ Surround Sound (+9 dB max), Equalizer or Bass/
Treble (+12 dB max) and Loudness (+6 dB max). Programmable values are listed in Table 23.
Table 23: SVC Bit Values
SVC_ON = 0
SVC_ON = 1
SVC_REF[4:0]
REF_LEVEL (dB)
SVC_REF[4:0]
REF_LEVEL (dB)
> 00101
Reserved
> 00101
Reserved
00101
+15.5
00101
-12
00100
+12
00100
-12
00011
+9.5
00011
-12
00010
6
00010
-12
00001
3.5
00001
-12
00000 (Default)
0
00000
-12
11111
-2.5
111111
-2.5
11110
-6
111101
-6
11101
-8.5
11101
-8.5
11100
-12
11100
-12
11011
-14.5
11011
-14.5
11010
-18
11010
-18
11001
-20.5
11001
-20.5
11000
-24
11000
-24
10111
-26.5
10111
-26.5
10110
-30
10110
-30
<10110
Reserved
< 10110
Reserved
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com