Electronic Components Datasheet Search
  English  ▼

X  

STV82X6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 78Page - STMicroelectronics STV82X6 Datasheet HTML 79Page - STMicroelectronics STV82X6 Datasheet HTML 80Page - STMicroelectronics STV82X6 Datasheet HTML 81Page - STMicroelectronics STV82X6 Datasheet HTML 82Page - STMicroelectronics STV82X6 Datasheet HTML 83Page - STMicroelectronics STV82X6 Datasheet HTML 84Page - STMicroelectronics STV82X6 Datasheet HTML 85Page - STMicroelectronics STV82X6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 95 page
background image
Input/Output Groups
STV82x6
82/95
VDDH
VDDC
VDDIF
GNDA
GNDIF
GNDC
GNDS
18
21
4
9
5
10
31
17
VDDA
76
17
VDDA
GNDA
18
BGAP
(1.2V)
1.2K
8K
BGAP
(1.2V)
40
VDD1
47
36
REG
41
48
VDD2
GND1
GND2
GND1
32
HPD
33
37
ADR
RESET
GND2
50
SDO
51
ST
52
WS
53
SCK
54
BUS1
55
BUS0
56
IRQ
VDD2
6
GND1
39
MCK
VDD1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com