Electronic Components Datasheet Search
  English  ▼

X  

STV82X6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 8Page - STMicroelectronics STV82X6 Datasheet HTML 9Page - STMicroelectronics STV82X6 Datasheet HTML 10Page - STMicroelectronics STV82X6 Datasheet HTML 11Page - STMicroelectronics STV82X6 Datasheet HTML 12Page - STMicroelectronics STV82X6 Datasheet HTML 13Page - STMicroelectronics STV82X6 Datasheet HTML 14Page - STMicroelectronics STV82X6 Datasheet HTML 15Page - STMicroelectronics STV82X6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
Demodulator Block
STV82x6
12/95
Sound Carrier Frequency Offset Recovery: Both Mono and Stereo IF Carrier frequencies can be
adjusted independently (registers CAROFFSET1 and CAROFFSET2) within a large range (up to
120 kHz for standard mono FM deviations) while the AUTOSTD system remains active. The
frequency offset estimation is written in registers FM_DCL and FM_DCR (Mono Left / Channel 1
And Mono Right / Channel 2, respectively) and can be used to implement the Automatic Frequency
Control (AFC) via an external I²C control.
If required, the AUTOSTD system can be disabled (Manual mode) and the user can control all
registers including those only controlled by the AUTOSTD function when active. Manual mode is
selected in registers RESET or AUTO_SCKM.
2.1.3
Sound Preprocessing and Selection
The demodulated sound signal can be redirected to 4 different output audio channels:
1. Loudspeaker & Subwoofer,
2. Headphone,
3. SCART,
4. I²S Interface.
Each output channel can independently select the demodulator source, analog SCART or I²S inputs
using register CH_SEL.
Figure 7: Sound Preprocessing and Selection Block Diagram
DC
Prescaler
Dematrix
FM
FM
NICAM
I²S OUT
Peak
Detector
FM/AM
AUDIO IN
(From Input Analog Audio Matrix)
(From Demodulator)
LS IN
(To Loudspeaker Processing)
HP IN
(To Headphone Processing)
AUDIO OUT
(To Output Analog Audio Matrix)
(To I²S Interface)
(From Demodulator)
PRE_FM(44h)
PRE_NICAM(45h)
PRE_AUX(46h)
PEAK_DET_CTRL(4Bh)
PEAK_DET_STATL(4Ch)
CH_MX(48h)
CH_SEL(49h)
CH_LANG(4Ah)
FM_DCL(42h)
FM_DCR(43h)
Removal
Prescaler
Dematrix
NICAM
NICAM
Prescaler
SCART
De-emphasis
NICAM
De-emphasis
FM
I²S IN
PRE_AUX(46h)
CH_MX(48h)
Prescaler
I²S
PEAK_DET_STATR(4Dh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com