Electronic Components Datasheet Search
  English  ▼

X  

STV82X6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 22Page - STMicroelectronics STV82X6 Datasheet HTML 23Page - STMicroelectronics STV82X6 Datasheet HTML 24Page - STMicroelectronics STV82X6 Datasheet HTML 25Page - STMicroelectronics STV82X6 Datasheet HTML 26Page - STMicroelectronics STV82X6 Datasheet HTML 27Page - STMicroelectronics STV82X6 Datasheet HTML 28Page - STMicroelectronics STV82X6 Datasheet HTML 29Page - STMicroelectronics STV82X6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
I²S Interface
STV82x6
26/95
6
I²S Interface
A digital stereo input is available for a virtual Dolby source from an external decoder.
A digital stereo output (I²S compatible) is available for routing the demodulated signal or a
converted input audio signal into a Dolby Pro Logic Decoder or an external DAC. The STV82x6 I²S
interface drives the serial bus (SCK, WS, SDO) in Master mode in format 32.fs with a sampling
frequency (fS) of 32 kHz. An additional master clock (MCK) in format 256.fs (fS = 8.192 MHz) is
provided if required for the slave interface.
Both Philips and Sony modes are supported with programmable Word Selection (WS) polarity
(register I2S). By default, all I²S digital outputs are set in high impedance and must be switched to
low impedance via register CTRL before use.
A clock system output (SYSCK) is also available for clock peripherals using the same quartz
frequency as the STV82x6. By default, this clock output (identical to the crystal oscillator) is set to
high impedance and must be switched to low impedance via register CTRL before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com