Electronic Components Datasheet Search
  English  ▼

X  

DS800SL Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS800SL
Description  800 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS800SL Datasheet(HTML) 4 Page - Artesyn Technologies

  DS800SL Datasheet HTML 1Page - Artesyn Technologies DS800SL Datasheet HTML 2Page - Artesyn Technologies DS800SL Datasheet HTML 3Page - Artesyn Technologies DS800SL Datasheet HTML 4Page - Artesyn Technologies DS800SL Datasheet HTML 5Page - Artesyn Technologies DS800SL Datasheet HTML 6Page - Artesyn Technologies DS800SL Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS800SL Series Data Sheet
Outputs - All Models
Turn On/Off Timing
Item
Description
Min
Max
Units
Tvout_rise
+12 Output rise time
10
300
mSec
Tvout_rise
5.0 Vsb output rise time
1
50
mSec
Tsb_on_delay
Delay from AC being applied to 5.0 Vsb being within regulation.
1500
mSec
Tac_on_delay
Delay from AC being applied to all output voltages being within regulation.
3000
mSec
Tvout_holdup
Time all output voltages, including 5.0 Vsb, stay within regulation after loss of AC.
10
mSec
Tpwok_holdup
Delay from loss of AC to de-assertion of PWOK.
5
mSec
Tpson_on_delay
Delay from PSON# active to output voltages within regulation limits.
50
2500
mSec
Tpson_pwok
Delay from PSON# de-active to PWOK being de-asserted.
100
mSec
Tacok_delay
Delay from loss of AC input to de-assertion of ACOK#.
10
mSec
Tpwok_on
Delay from output voltages within regulation limits to PWOK asserted at turn on.
100
1000
mSec
Tpwok_off
Delay from PWOK de-asserted to 12 Vdc or 5.0 Vsb dropping out of regulation limits.
1
1000
mSec
Tpwok_low
Duration of PWOK being in the de-asserted state during an off/on cycle using AC or the PSON# signal.
100
mSec
Tsb_vout
Delay from 5.0 Vsb being in regulation to 12 Vdc being in regulation at AC turn on.
50
1000
mSec
PSON #
The PSON# signal is required to remotely turn on/off the power supply. PSON# is an active low signal that turns on the +12 Vdc power rail.
When this signal is not pulled low by the system, or left open, the +12 Vdc output turns off. The Vsb output remains on. This signal is pulled
to a standby voltage by a pull-up resistor internal to the power supply. The power supply fan(s) shall operate at the lowest speed.
PSON Signal Characteristics
Signal Type
Accepts an open collector/drain input from the
system. Pulled-up to the 5.0 Vsb located in
power supply.
PSON# = Low
ON
PSON# = Open
OFF
MIN
MAX
Logic level low (power supply ON)
0 V
0.8 V
Logic level high (power supply OFF)
2.0 V
5.2 V
Source current, Vpson = low
4 mA
Power up delay:
Tpson_on_delay
5 msec
200 msec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com