Electronic Components Datasheet Search
  English  ▼

X  

DS800SL Datasheet(PDF) 6 Page - Artesyn Technologies

Part # DS800SL
Description  800 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS800SL Datasheet(HTML) 6 Page - Artesyn Technologies

  DS800SL Datasheet HTML 1Page - Artesyn Technologies DS800SL Datasheet HTML 2Page - Artesyn Technologies DS800SL Datasheet HTML 3Page - Artesyn Technologies DS800SL Datasheet HTML 4Page - Artesyn Technologies DS800SL Datasheet HTML 5Page - Artesyn Technologies DS800SL Datasheet HTML 6Page - Artesyn Technologies DS800SL Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS800SL Series Data Sheet
STATUS INDICATIONS
See table below for Summary of Status signals, Ports and Indicators. The condition column assumes 2 or more power supplies present
and ON and 5.0 Vsb shared for management interface. On the “Fan Blocked” condition, the assumption is that all outputs are within spec
and not over temperature. This would be considered a “warning” condition. On the “Standby” condition, the system differentiates this state
by knowing PS_ONL in negated (requesting Standby).
Status Indicators
Condition
Status Signals
Status Register
Shutdown Register
LED’s
ACOK/L
PWOK/H
PSON
PWOK
Fan-Fail
AC-Loss
0-Temp
0-Current
Fail
AC
DC
Fail
Normal Operation
0
1
1
1
0
0
0
0
0
On
On
Off
V1 12 V Overcurrent
0
0
1
0
0
0
0
1
1
On
Off
On
AC Input Fail
1
0
1
0
0
1
0
0
1
Off
Off
Off
Fan Blocked or Running Under Speed.
O/P’s ok
0
1
1
1
0
0
0
0
0
On
On
Off
UV on V1 12 V and PS Has Latched Off
0
0
1
0
0
0
0
0
1
On
Off
On
UV on Vsb +5.0 and PS Has Turned Off
0
0
1
0
0
0
0
0
1
On
Off
On
OV on V1 12V or Vsb +5.0 & PS Has
Latched Off
0
0
1
0
0
0
0
0
1
On
Off
On
Over Temp and PS Has Turned Off
0
0
1
0
0
0
1
0
1
On
Off
On
Fan Below Shutdown Limit
0
0
1
0
1
0
0
0
1
On
Off
On
No Problems But PS is in Standby Mode
0
0
0
0
0
0
0
0
0
On
Off
Off
Pin
Signal Name
Pin 1
+12 V
Pin 2
+12 V
Pin 3
Ground
Pin 4
Ground
S1
+12 V Sense
S2
+12 V RTN Sense
S3
+12 V Current Share
S4
SMB_ALERT/L
S5
SDA
S6
SCL*
S7
PSKILL
S8
PSON/L
S9
PW_OK
S10
PS_A1
S11
+5.0 V_STBY
S12
+5.0 V_STBY
S13
Reserved
S14
PRESENT/L
S15
PS_A0
S16
Reserved
S17
Reserved for factory use
S18
EEPROM_WP
S19
ACOK/L
S20
Not used
S21
PS_A2
S22
V_STBY Remote Sense
S23
V_STBY
S24
V_STBY
* Supports I2C standard mode (100 kHz) only
Output Connector and Pin Out Table
Ground
Ground
P2
P1
P4
P3
+12V
+12V
Bottom Side
Top Side
Note: Pin number may not necessarily match vendor’s pin number
assignment. Please follow the signal and number assignment as
indicated in this datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com