Electronic Components Datasheet Search
  English  ▼

X  

DS800SL Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DS800SL
Description  800 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS800SL Datasheet(HTML) 5 Page - Artesyn Technologies

  DS800SL Datasheet HTML 1Page - Artesyn Technologies DS800SL Datasheet HTML 2Page - Artesyn Technologies DS800SL Datasheet HTML 3Page - Artesyn Technologies DS800SL Datasheet HTML 4Page - Artesyn Technologies DS800SL Datasheet HTML 5Page - Artesyn Technologies DS800SL Datasheet HTML 6Page - Artesyn Technologies DS800SL Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS800SL Series Data Sheet
PWOK# (POWER GOOD)
PWOK is a power good signal and will assert HIGH when the outputs are within the regulation limits. PWOK will be pulled LOW by the
power supply to indicate when either output falls below regulation limits or when AC power has been removed for a time sufficiently long so
that power supply operation is no longer guaranteed. The start of the PWOK# delay time shall be inhibited as long as the +12 Vdc output is
in current limit or the 5.0 Vsb output is below the regulation limit.
PWOK Signal Characteristics
Signal Type
Open collector/drain output from power supply.
Pullup to 5.0 Vsb external to the power supply.
PWOK = High
Power Good
PWOK = Low
Power Not Good
MIN
MAX
To tLogic level low voltage, Ising = 4 mA
0 V
0.8 V
Logic level high voltage, Isource = 200 µA
2.0 V
5 .2V
Sink current, PWOK = low
4 mA
Source current, PWOK = high
2 mA
PWOK delay: Tpwok_on
100 ms
1000 ms
PWOK rise and fall time
100 µsec
Power down delay: Tpson_off
1 msec
1000 msec
PSKILL
The +12 Vdc output only from the power supply shall be disabled if the PSKILL input is high and V Standby will continue to be provided,
outputs may be enabled if this signal is low. The power supply includes a pull up to disable all outputs if this signal is open. PSKILL whall not
be connected during a hot insertion before all of the other pins are connected.
AC INPUT PRESENT INDICATOR (ACOK/L)
The ACOK signal is used to indicate presence of AC input to the power supply. This signal shall be connected to Vsb through a resistor on
the host system side. A logic “Low” level on this signal shall indicate AC input to the power supply is present. A Logic “High” on this signal
shall indicate a loss of AC input to the power supply.
ACOK# Signal Characteristics
Signal Type
Pull up to 5.0 Vsb through a resistor in the
host system.
Present = High
Present
Present = Low
Not Present
MIN
MAX
Logic level low voltage, Isink = 4 mA
0 V
0.8 V
Logic level high voltage, Isink = 50 µA
2.0 V
5.2 V
Sink current, PRESENT# = low
4 mA
Sink current, PRESENT# = high
50 µsec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com