Electronic Components Datasheet Search
  English  ▼

X  

DS800SL Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS800SL
Description  800 Watts Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS800SL Datasheet(HTML) 2 Page - Artesyn Technologies

  DS800SL Datasheet HTML 1Page - Artesyn Technologies DS800SL Datasheet HTML 2Page - Artesyn Technologies DS800SL Datasheet HTML 3Page - Artesyn Technologies DS800SL Datasheet HTML 4Page - Artesyn Technologies DS800SL Datasheet HTML 5Page - Artesyn Technologies DS800SL Datasheet HTML 6Page - Artesyn Technologies DS800SL Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS800SL Series Data Sheet
Efciency Curve 800 W DS Slim
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
0.0
100.0200.0 300.0400.0500.0 600.0700.0 800.0900.0
Output Power [W]
230 Vac, 50 Hz
115 Vac, 60 Hz
Output
Output rating
12 V @ 66.7 A; 800 W
5.0 Vsb @ 4 A; 20 W
90 - 264 Vac
Setpoint
12.0 V
Total regulation range
12 V ± 1%
5.0 Vsb ± 3%
Line/load/transient when measured at output
connector
Rated load
800 W maximum
No derating over operating temp range for forward air
Minimum load
12 V @ 0.5 A
5.0 Vsb @ 0.0 A
No load operation shall not damage the power supply
Output noise (PARD)
120 mV Max P-P
100 mV Max P-P
12.0 V output
5.0 Vsb output
Measured with a 0.1 uF ceramic and 10 uF tantalum capacitor on any output; 20 Mhz
Output voltage overshoot
600 mV; 12 V main
250 mV; 5.0 standby
1 A/uSec slew rate
Transient response
+/-5% of regulation range
50% load step @ 1 A/us
Step load valid between 10% to 100% of output rating
Recovery time to within 1% of set point at onset of transient
Max units in parallel
Up to 6
Short circuit protection
>130% of rated output
Output to return
Remote sense
Compensation up to 100 mV
Output isolation
Standard per Safety Requirements
Forced load sharing
To within 10% of all shared outputs
Digital sharing control
Overload protection (OCP)
120% to 130%
120% to 170%
12 V output
5.0 Vsb output
Overvoltage protection (OVP)
110% to 120%
110% to 125%
12 V output
5.0 Vsb output
Overtemperature protection
10 - 15 ˚C above safe operating area
Both PFC and output converter monitored
620
640
660
680
700
720
740
760
780
800
820
0
10
20
30
40
50
Ambient Temperature (degC)
DS800SL-3-001 Power Derating
100Vac
110Vac
230Vac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com