Electronic Components Datasheet Search
  English  ▼

X  

DS1600SPE Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS1600SPE
Description  1600 Watts Distributed Power System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1600SPE Datasheet(HTML) 4 Page - Artesyn Technologies

  DS1600SPE Datasheet HTML 1Page - Artesyn Technologies DS1600SPE Datasheet HTML 2Page - Artesyn Technologies DS1600SPE Datasheet HTML 3Page - Artesyn Technologies DS1600SPE Datasheet HTML 4Page - Artesyn Technologies DS1600SPE Datasheet HTML 5Page - Artesyn Technologies DS1600SPE Datasheet HTML 6Page - Artesyn Technologies DS1600SPE Datasheet HTML 7Page - Artesyn Technologies DS1600SPE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS1600SPE Data Sheet
Control and Status Signals
Output Signals
PS_PRESENT
Signal used to indicate to the system that a power supply is inserted in the power bay. This pin is shorted to the standby return in the power supply. Recommended
pull-up resistor to 12 VSB is 8.2 k with a 3.0 k pull-down to ground. A 100 pF decoupling capacitor is also recommended.
PS_INTERRUPT
Active low signal used by the power supply to indicate to the system that a change in power supply status has occurred. This event can be triggered by faults such
as OVP, OCP, OTP, and fan fault. This signal can be cleared by a CLEAR_FAULT command. Recommended pull-up resistor to 12 VSB is 8.2 k with a 3.0 k
pull-down to ground. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Output logic level LOW
0.8 V
V
IH
Output logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
4 mA
I
SINK
Current that may be sunk by this pin at low state
4 mA
BUS Signals
ISHARE
Bus signal used by the power supply for active current sharing. All power supplies configured in the system for n+n sharing will refer to this bus voltage inorder to
load share.
Voltage Range
The range of this signal for active sharing will be up to 8.0 V, which corresponds to the maximum output current.
MIN
MAX
I
SHARE Voltage
Voltage at 100% load, stand-alone unit
7.75
8.25
Voltage at 50% load, stand-alone unit
3.85
4.15
I
SOURCE
Current that may be sourced by this pin
160 mA
SCL, SDA, A0, A1, A2
Clock, data and addressing signals defined as per I2C requirements. It is recommended that these pins be pulled-up to a 2.2 kohm resistor to 3.3 V and a 22 pF
decoupling capacitor at the system side.
MIN
MAX
V
L
Logic level LOW
0.8 V
V
H
Logic level HIGH
2.0 V
5.0 V
Note: All signal noise levels are below 400 mVpk-pk from 0 - 100 MHz.
I2C Addressing Table
A2
A1
A0
PMBus (W/R)
FRU (W/R)
0
0
0
B0/B1
A0/A1
0
0
1
B2/B3
A2/A3
0
1
0
B4/B5
A4/A5
0
1
1
B6/B7
A6/A7
1
0
0
B8/B9
A8/A9
1
0
1
BA/BB
AA/AB
1
1
0
BC/BD
AC/AD
1
1
1
BE/BF
AE/AF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com