Electronic Components Datasheet Search
  English  ▼

X  

DS1600SPE Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DS1600SPE
Description  1600 Watts Distributed Power System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1600SPE Datasheet(HTML) 5 Page - Artesyn Technologies

  DS1600SPE Datasheet HTML 1Page - Artesyn Technologies DS1600SPE Datasheet HTML 2Page - Artesyn Technologies DS1600SPE Datasheet HTML 3Page - Artesyn Technologies DS1600SPE Datasheet HTML 4Page - Artesyn Technologies DS1600SPE Datasheet HTML 5Page - Artesyn Technologies DS1600SPE Datasheet HTML 6Page - Artesyn Technologies DS1600SPE Datasheet HTML 7Page - Artesyn Technologies DS1600SPE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS1600SPE Data Sheet
Firmware Reporting And Monitoring
Accuracy Range
Output loading
8 to 20%
20% to 50%
50% to 100%
Input voltage
±5%
Input current
±0.55A
±5%
Input power
±5W at <125 W input power
±1.25%
Output voltage
±2%
Output current
±1.2 A fixed error
±3%
Temperature
±5 degC on the operating range
E
IN
±15% from 10% to 20% load
±5%
Fan speed
±250 RPM
PMBus
YES
Remote ON/OFF
YES
Electrical Specifications
LED Indicators
A single bi-color LED is used to indicate the power supply status.
Status LED
No AC input to PSU
Off
Main output ON
Solid GREEN
Standby mode and Power supply failure (OCP, OVP, OTP, FAN FAULT)
Blinking AMBER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com