Electronic Components Datasheet Search
  English  ▼

X  

DS1600SPE Datasheet(PDF) 6 Page - Artesyn Technologies

Part # DS1600SPE
Description  1600 Watts Distributed Power System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1600SPE Datasheet(HTML) 6 Page - Artesyn Technologies

  DS1600SPE Datasheet HTML 1Page - Artesyn Technologies DS1600SPE Datasheet HTML 2Page - Artesyn Technologies DS1600SPE Datasheet HTML 3Page - Artesyn Technologies DS1600SPE Datasheet HTML 4Page - Artesyn Technologies DS1600SPE Datasheet HTML 5Page - Artesyn Technologies DS1600SPE Datasheet HTML 6Page - Artesyn Technologies DS1600SPE Datasheet HTML 7Page - Artesyn Technologies DS1600SPE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1600SPE Data Sheet
Electrical Specifications
Timing Specifications
Description
Min
Max
Unit
T
sb_On
Delay from AC being applied to standby output being within regulation
20
2000
ms
T
sb_ACOK
Delay from standby output to ACOK assertion
See note below
20
ms
T
sb_Vout
Delay from standby output to main output voltage being within regulation
300
ms
T
AC_On_Delay
Delay from AC being applied to main output being within regulation
2300
ms
T
PWOK_On
Delay from output voltages within regulation limits to PWOK asserted
100
1000
ms
T
ACOK_Delay
Delay from loss of AC to assertion of ACOK
7
ms
T
PWOK_Hold-up
Delay from loss of AC to deassertion of PWOK
10
ms
T
Vout_Hold-up
Delay from loss of AC to main output being within regulation
11
ms
T
sb_Hold-up
Delay from loss of AC to standby output being within regulation
150
ms
T
PWR_GOOD_Off
Delay from deassertion of PWOK to output falling out of regulation
1
ms
T
PSON_On_Delay
Delay from PSON assertion to output being within regulation
150
ms
T
PWOK_Low
Duration of PWOK being in deasserted state during an ON/OFF cycle of PSU
N/A
N/A
Note: T
sb_hold-up: tested at 1A load on standby output
T
sb_ACOK: ACOK can assert earlier than the standby output
Timing Diagram
PSON
Vout_main
PWOK
ACOK
Vout_stby
AC Input
Tsb_On
TAC_On_Delay
Tsb_Vout
TPSON_On_Delay
Tsb_Hold-up
TPWOK_Hold-up
TVout_Hold-up
TPWOK_Off
TACOK_Delay
TPWOK_On
Tsb_ACOK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com