Electronic Components Datasheet Search
  English  ▼

X  

DS1600SPE Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS1600SPE
Description  1600 Watts Distributed Power System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1600SPE Datasheet(HTML) 2 Page - Artesyn Technologies

  DS1600SPE Datasheet HTML 1Page - Artesyn Technologies DS1600SPE Datasheet HTML 2Page - Artesyn Technologies DS1600SPE Datasheet HTML 3Page - Artesyn Technologies DS1600SPE Datasheet HTML 4Page - Artesyn Technologies DS1600SPE Datasheet HTML 5Page - Artesyn Technologies DS1600SPE Datasheet HTML 6Page - Artesyn Technologies DS1600SPE Datasheet HTML 7Page - Artesyn Technologies DS1600SPE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS1600SPE Data Sheet
Electrical Specifications
Output
Main DC Output
MIN
NOM
MAX
Nominal setting
-0.20%
12
0.20%
Total output regulation range
11.4 V
12.6 V
Dynamic load regulation range5
11.4 V
12.6 V
Output ripple
150 mVp-p
Output current
2 A4
133.33 A
Current sharing
Within +/-5% of full load rating
Capacitive loading
2,250 µF
14,000 µF
Start-up from AC to output
2,300 ms
Output rise time
2 ms
60 ms
Standby DC Output
Nominal setting
-3%
12
3%
Total output regulation range
11.4 V
12.6 V
Dynamic load regulation range
11.4 V
12.6 V
Output ripple
150 mVp-p
Adjustment range
N/A
Output current
0.1 A4
3.5 A
Current sharing
N/A
Capacitive loading
47 µF
1,000 µF
Start-up from AC to output
20 ms
2,000 ms
Output rise time
2 ms
60 ms
Protections
Main Output
Overcurrent protection2
115%
150%
Overvoltage protection1
13.5 V
15.0 V
Undervoltage Protection
10.5 V
11.0 V
Overtemperature protection
Yes
Fan fault protection
Yes
Standby Output
Overcurrent Protection3
120%
150%
Overvoltage Protection1
13.5 V
15.0 V
Undervoltage Protection
10.0 V
11.0 V
1
Latch mode
2
Autorecovery if the overcurrent is less than 115% and last only for <500 ms
3
Standby protection is auto-recovery
4
Minimum current for transient load response testing only. Unit is designed to operate and be within output regulation range at zero load.
5
Maximum step size of 67 A at 0.5A/µs, with a beginning load of 8 A, and 3,350 µF capacitance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com