Electronic Components Datasheet Search
  English  ▼

X  

RN41 Datasheet(PDF) 7 Page - Microchip Technology

Part # RN41
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Datasheet(HTML) 7 Page - Microchip Technology

Back Button RN41 Datasheet HTML 3Page - Microchip Technology RN41 Datasheet HTML 4Page - Microchip Technology RN41 Datasheet HTML 5Page - Microchip Technology RN41 Datasheet HTML 6Page - Microchip Technology RN41 Datasheet HTML 7Page - Microchip Technology RN41 Datasheet HTML 8Page - Microchip Technology RN41 Datasheet HTML 9Page - Microchip Technology RN41 Datasheet HTML 10Page - Microchip Technology RN41 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2014 Microchip Technology Inc.
DS50002280A-page 7
RN41/RN41N
TABLE 1-6:
PIN DESCRIPTION
Note 1: Pin numbers 7 through 10 are reserved for future use.
Pin
Symbol
Type
Description
1
GND
Power
Ground reference
2
SPI_MOSI
DI
(Optional) Factory diagnostic and test. See Section 2.8 “SPI Interface”.
3
GPIO6
DIO
Set Bluetooth master (high = auto-master mode)
4
GPIO7
DIO
Set baud rate (high = force 9,600, low = 115K or firmware setting)
5
RESET
DI
Active-low Reset
6
SPI_CLK
DI
(Optional) Factory diagnostic and test. See Section 2.8 “SPI Interface”.
7
PCM_CLK
DIO
(Do not connect) PCM interface(1)
8
PCM_SYNC
DIO
(Do not connect) PCM interface(1)
9
PCM_IN
DI
(Do not connect) PCM interface(1)
10
PCM_OUT
DO
(Do not connect) PCM interface(1)
11
VDD
Power
Positive Supply
12
GND
Power
Ground reference
13
UART_RX
DI
UART receive input
14
UART_TX
DO
UART transmit output
15
UART_RTS
DO
UART RTS, goes high to disable host transmitter
16
UART_CTS
DI
UART CTS, if set high, it disables transmitter
17
USB_D+
DIO
USB port. 1.5K pullup activated when USB port is ready (~500 ms after reset).
18
USB_D-
DIO
USB port
19
GPIO2
DIO
Status, high when connected, low otherwise. See Section 2.3 “Connection
Status”.
20
GPIO3
DIO
Auto discovery = high
21
GPIO5
DIO
Status, toggles based on state, low on connect. See Section 2.3 “Connection
Status”.
22
GPIO4
DIO
Set factory defaults. See Section 2.2 “Factory Reset Using GPIO4”.
23
SPI_CSB
DI
(Optional) Factory diagnostic and test. See Section 2.8 “SPI Interface”.
24
SPI_MISO
DO
(Optional) Factory diagnostic and test. See Section 2.8 “SPI Interface”.
25
GND
Power
Ground reference (RN41N only)
26
RF ANT
AIO
Antenna, 50-Ohm impedance (RN41N only)
27
GND
Power
Ground reference (RN41N only)
28
GND
Power
Ground reference
29
GND
Power
Ground reference
30
AIO0
AIO
(Not used) Optional analog input.
31
GPIO8
DIO
UART TX/RX data activity
32
GPIO9
DIO
I/O
33
GPIO10
DIO
I/O (remote DTR signal)
34
GPIO11
DIO
I/O (remote RTS signal)
35
AIO1
AIO
(Not used) Optional analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com