Electronic Components Datasheet Search
  English  ▼

X  

LM358FVT Datasheet(PDF) 24 Page - Rohm

Part # LM358FVT
Description  Ground Sense Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358FVT Datasheet(HTML) 24 Page - Rohm

Back Button LM358FVT Datasheet HTML 20Page - Rohm LM358FVT Datasheet HTML 21Page - Rohm LM358FVT Datasheet HTML 22Page - Rohm LM358FVT Datasheet HTML 23Page - Rohm LM358FVT Datasheet HTML 24Page - Rohm LM358FVT Datasheet HTML 25Page - Rohm LM358FVT Datasheet HTML 26Page - Rohm LM358FVT Datasheet HTML 27Page - Rohm LM358FVT Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
24/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Application Information – continued
Switch Condition for Test Circuit 2
Parameter
SW1
SW2 SW3 SW4 SW5 SW6 SW7 SW8 SW9 SW10 SW11 SW12 SW13
Supply Current
OFF
OFF OFF
ON
OFF
ON
OFF OFF OFF OFF OFF OFF OFF
Maximum Output Voltage(High)
OFF
OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF
Maximum Output Voltage(Low)
OFF
OFF
ON
OFF OFF
ON
OFF OFF OFF OFF OFF
ON
OFF
Output Source Current
OFF
OFF
ON
OFF OFF
ON
OFF OFF OFF OFF OFF OFF
ON
Output Sink Current
OFF
OFF
ON
OFF OFF
ON
OFF OFF OFF OFF OFF OFF
ON
Slew Rate
OFF
OFF OFF
ON
OFF OFF OFF
ON
ON
ON
OFF OFF OFF
Gain Bandwidth Product
OFF
ON
OFF OFF
ON
ON
OFF OFF
ON
ON
OFF OFF OFF
Input Referred Noise Voltage
ON
OFF OFF OFF
ON
ON
OFF OFF OFF OFF
ON
OFF OFF
Figure 60. Test Circuit 2 (Each Op-Amp)
Figure 62. Test Circuit 3 (Channel Separation)
(R1=1kΩ,R2=100kΩ)
VIN
VCC
VEE
R1
V
R2
R1//R2
VOUT1
= 1VRMS
VCC
VEE
R1
V
R2
R1//R2
VOUT2
CS = 20 ×log
100 × VOUT1
VOUT2
SW4
●
SW2
SW3
-
+
SW10
SW11
SW12
SW9
SW6
SW7
SW8
CL
SW13
SW5
R1
C
R2
RL
VEE
VCC
V-IN
V+IN
VOUT
SW1
RS
Figure 61. Slew Rate Input and Output Wave
Input Voltage
t
VH
VL
Input Wave
SR=
V/t
Output Voltage
t
t
V
10%
90%
VH
VL
Output Wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com