Electronic Components Datasheet Search
  English  ▼

X  

LM358FVT Datasheet(PDF) 27 Page - Rohm

Part # LM358FVT
Description  Ground Sense Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358FVT Datasheet(HTML) 27 Page - Rohm

Back Button LM358FVT Datasheet HTML 23Page - Rohm LM358FVT Datasheet HTML 24Page - Rohm LM358FVT Datasheet HTML 25Page - Rohm LM358FVT Datasheet HTML 26Page - Rohm LM358FVT Datasheet HTML 27Page - Rohm LM358FVT Datasheet HTML 28Page - Rohm LM358FVT Datasheet HTML 29Page - Rohm LM358FVT Datasheet HTML 30Page - Rohm LM358FVT Datasheet HTML 31Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
27/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [°C]
Power Dissipation
Power dissipation (total loss) indicates the power that the IC can consume at TA=25°C (normal temperature). As the IC
consumes power, it heats up, causing its temperature to rise above the ambient temperature. The allowable temperature that
the IC can accept is limited. This depends on the circuit configuration, manufacturing process, and consumable power.
Power dissipation is determined by the allowable temperature within the IC (maximum junction temperature) and the thermal
resistance of the package used (heat dissipation capability). Maximum junction temperature is typically equal to the
maximum storage temperature. The heat generated through the consumption of power by the IC radiates from the mold
resin or lead frame of the package. Thermal resistance, represented by the symbol θJA°C/W, indicates this heat dissipation
capability. Similarly, the temperature of an IC inside its package can be estimated by thermal resistance.
Figure 67(a) shows the model of the thermal resistance of a package. The equation below shows how to compute for the
Thermal resistance (θJA), given the ambient temperature (TA), maximum junction temperature (Tjmax), and power dissipation
(PD).
θJA = (Tjmax-TA) / PD
°C/W
The Derating Curve in Figure 67(b) indicates the power that the IC can consume with reference to ambient temperature.
Power consumption of the IC begins to attenuate at certain temperatures. This gradient is determined by Thermal resistance
(θJA), which depends on the chip size, power consumption, package, ambient temperature, package condition, wind velocity,
etc. This may also vary even when the same of package is used. Thermal reduction curve indicates a reference value
measured at a specified condition. Figures 67(c) to (f) show the examples of derating curves for LM358xxx, LM2904xxx,
LM324xxx, and LM2902xxx respectively.
LM358FJ (Note 21)
θJA=(Tjmax-TA)/ PD °C/W
Ambient Temperature, TA [ °C ]
Chip Surface Temperature, TJ [ °C ]
(a) Thermal Resistance
(b) Derating Curve
Ambient Temperature, TA [ °C ]
Power Dissipation of LSI [W]
PDmax
θJA2 < θJA1
0
50
75
100
125
150
25
P1
P2
θJA2
θJA1
Tjmax
(c) LM358xxx
LM358F (Note 20)
85
LM358FVT (Note 22)
LM358FV (Note 22)
LM358FVJ (Note 23)
LM358FVM (Note 23)
(d) LM2904xxx
LM2904FVT (Note 22)
LM2904FV (Note 22)
LM2904FVJ(Note 23)
LM2904FVM (Note 23)
LM2904F (Note 20)
LM2904FJ (Note 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com