Electronic Components Datasheet Search
  English  ▼

X  

LM358FVT Datasheet(PDF) 25 Page - Rohm

Part # LM358FVT
Description  Ground Sense Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358FVT Datasheet(HTML) 25 Page - Rohm

Back Button LM358FVT Datasheet HTML 21Page - Rohm LM358FVT Datasheet HTML 22Page - Rohm LM358FVT Datasheet HTML 23Page - Rohm LM358FVT Datasheet HTML 24Page - Rohm LM358FVT Datasheet HTML 25Page - Rohm LM358FVT Datasheet HTML 26Page - Rohm LM358FVT Datasheet HTML 27Page - Rohm LM358FVT Datasheet HTML 28Page - Rohm LM358FVT Datasheet HTML 29Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
25/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Application Information – continued
1.
Unused Circuits
It is recommended to apply the connection (see Figure 63) and set the
non-inverting input pin at a potential within the Input Common-mode
Voltage Range (VICM) for any unused circuit.
2.
Input Voltage
Regardless of the supply voltage, applying VEE+36V to the input pin is
possible without causing deterioration of the electrical characteristics or
destruction. However, this does not ensure normal circuit operation.
Please note that the circuit operates normally only when the input
voltage is within the common mode input voltage range of the electric
characteristics.
3.
Power Supply (Single/Dual)
The operational amplifiers operate when the voltage supplied is between VCC pin and VEE pin. Therefore, the single
supply operational amplifiers can be used as dual supply operational amplifiers as well.
4.
IC Handling
When pressure is applied to the IC through warp on the printed circuit board, the characteristics may fluctuate due to
the piezo effect. Be careful with the warp on the printed circuit board.
5.
The IC Destruction Caused by Capacitive Load
The IC may be damaged when VCC pin and VEE pin is shorted with the charged output pin capacitor. When IC is used
as an operational amplifier or as an application circuit where oscillation is not activated by an output capacitor, output
capacitor must be kept below 0.1µF in order to prevent the damage mentioned above.
I/O Equivalent Circuit
Symbol
Pin No.
Equivalent Circuit
+IN
-IN
LM358xxx, LM2904xxx: 2,3,5,6
LM324xxx, LM2902xxx:
2,3,5,6,9,10,12,13
OUT
LM358xxx, LM2904xxx: 1,7
LM324xxx, LM2902xxx: 1,7,8,14
OUT
VEE
VCC
VCC
LM358xxx, LM2904xxx: 8
LM324xxx, LM2902xxx: 4
VEE
VCC
Figure 63. The Example of Application
Circuit for Unused Op-amp
Keep this potential
in VICM
VEE
VCC
VICM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com