Electronic Components Datasheet Search
  English  ▼

X  

UPD16803GS Datasheet(PDF) 4 Page - NEC

Part # UPD16803GS
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16803GS Datasheet(HTML) 4 Page - NEC

  UPD16803GS Datasheet HTML 1Page - NEC UPD16803GS Datasheet HTML 2Page - NEC UPD16803GS Datasheet HTML 3Page - NEC UPD16803GS Datasheet HTML 4Page - NEC UPD16803GS Datasheet HTML 5Page - NEC UPD16803GS Datasheet HTML 6Page - NEC UPD16803GS Datasheet HTML 7Page - NEC UPD16803GS Datasheet HTML 8Page - NEC UPD16803GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPD16803
4
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Rating
Unit
Supply voltage (motor block)
VM
–0.5 to +15
V
Supply voltage (control block)
VDD
–0.5 to +7
V
Power consumption
Pd1
1.0Note 1
W
Pd2
1.25Note 2
Instantaneous H bridge driver current
ID (pulse)
±1.0Note 2, 3
A
Input voltage
VIN
–0.5 to VDD + 0.5
V
Operating temperature range
TA
0 to 60
°C
Operation junction temperature
TjMAX.
150
°C
Storage temperature range
Tstg
–55 to +125
°C
Notes 1. IC only
2. When mounted on a printed circuit board (100
× 100 × 1 mm, glass epoxy)
3. t
≤ 5 ms, Duty ≤ 40 %
1.4
1.0
1.2
0.8
0.6
0.4
0.2
0
20
40
60
80
100
Pd – TA Characteristics
When mounted
on printed circuid boad
IC only
Ambient temperature TA (˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com