Electronic Components Datasheet Search
  English  ▼

X  

UPD16803GS Datasheet(PDF) 10 Page - NEC

Part # UPD16803GS
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16803GS Datasheet(HTML) 10 Page - NEC

Back Button UPD16803GS Datasheet HTML 4Page - NEC UPD16803GS Datasheet HTML 5Page - NEC UPD16803GS Datasheet HTML 6Page - NEC UPD16803GS Datasheet HTML 7Page - NEC UPD16803GS Datasheet HTML 8Page - NEC UPD16803GS Datasheet HTML 9Page - NEC UPD16803GS Datasheet HTML 10Page - NEC UPD16803GS Datasheet HTML 11Page - NEC UPD16803GS Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
µPD16803
10
RECOMMENDED SOLDERING CONDITIONS
It is recommended to solder this product under the conditions described below.
For soldering methods and conditions other than those listed below, consult NEC.
Surface mount type
For the details of the recommended soldering conditions of this type, refer to Semiconductor Device Mounting
Technology Manual (C10535E).
Soldering Method
Soldering Conditions
Symbol of Recommended
Soldering
Infrared reflow
Peak package temperature: 230
°C, Time: 30 seconds MAX. (210 °C MIN.),
IR30-00
Number of times: 1, Number of days: NoneNote
VPS
Peak package temperature: 215
°C, Time: 40 seconds MAX. (200 °C MIN.),
VP15-00
Number of times: 1, Number of days: NoneNote
Wave soldering
Solder bath temperature: 260
°C MAX., Time: 10 seconds MAX.,
WS60-00
Number of times: 1, Number of days: NoneNote
Partial heating
Pin temperature: 300
°C MAX., Time: 10 seconds MAX.,
–
Number of days: NoneNote
Note The number of storage days at 25
°C, 65 % RH after the dry pack has been opened
Caution Do not use two or more soldering methods in combination (except partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com