Electronic Components Datasheet Search
  English  ▼

X  

UPD16803GS Datasheet(PDF) 5 Page - NEC

Part # UPD16803GS
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16803GS Datasheet(HTML) 5 Page - NEC

  UPD16803GS Datasheet HTML 1Page - NEC UPD16803GS Datasheet HTML 2Page - NEC UPD16803GS Datasheet HTML 3Page - NEC UPD16803GS Datasheet HTML 4Page - NEC UPD16803GS Datasheet HTML 5Page - NEC UPD16803GS Datasheet HTML 6Page - NEC UPD16803GS Datasheet HTML 7Page - NEC UPD16803GS Datasheet HTML 8Page - NEC UPD16803GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
µPD16803
5
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage (motor block)
VM
4.0
5.0
13.2
V
Supply voltage (control block)
VDD
4.0
5.0
6.0
V
RX pin connection resistance
RX
2k
Ω
H bridge driver currentNote
IDR
±380
mA
Charge pump capacitance
C1 to C3
520
nF
Operating temperature
TA
060
°C
Note When mounted on a printed circuit board (100
× 100 × 1 mm, glass epoxy)
ELECTRICAL SPECIFICATIONS (Within recommended operating conditions unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
OFF VM pin current
IM
INC pin lowNote 1
VM = 6.0 V
1.0
µA
VDD = 6.0 V
VM = 13.2 V
1.0
mA
VDD = 6.0 V
VDD pin current
IDD
Note 2
0.4
1.0
mA
IN1, IN2, INC pin high-level
IIH1
TA = 25
°C, VIN = VDD
1.0
µA
input current
0
≤ TA ≤ 60 °C, VIN = VDD
2.0
IN1, IN2, INC pin low-level input
IIL1
TA = 25
°C, VIN = 0 V
–0.15
mA
current
0
≤ TA ≤ 60 °C, VIN = 0 V
–0.2
PS pin high-level input current
IIH2
TA = 25
°C, VIN = VDD
0.15
mA
0
≤ TA ≤ 60 °C, VIN = VDD
0.2
PS pin low-level input current
IIL2
TA = 25
°C, VIN = 0 V
–1.0
µA
0
≤ TA ≤ 60 °C, VIN = 0 V
–2.0
IN1, IN2, INC pin input pull-up
RINU
TA = 25
°C
355065
k
Ω
resistance
0
≤ TA ≤ 60 °C25
75
PS pin input pull-down resistance
RIND
TA = 25
°C
355065
k
Ω
0
≤ TA ≤ 60 °C25
75
Control pin high-level input voltage
VIH
3.0
VDD + 0.3
V
Control pin low-level input voltage
VIL
–0.3
0.8
V
H bridge circuit ON
RON1
VDD = 5 V, VM = 5 V
1.5
3.0
Ω
resistanceNote 3
RON2
VDD = 5 V, VM = 12 V
2.0
4.0
RON relative accuracy
∆RON
Excitation direction <2>, <4>Note 4
±5%
Excitation direction <1>, <3>
±10
VX voltage in power-saving modeNote 5
VX
VDD = VM = 5 V, RX = 50 k
Ω
2.5
V
VX relative accuracy in
∆VX
Excitation direction <2>, <4>Note 4
±5%
power-saving mode
Excitation direction <1>, <3>
±5
Charge pump circuit (VG) turn ON time
TONG
VDD = 5 V, VM = 5 V
0.3
2
ms
H bridge circuit turn ON time
TONH
C1 = C2 = C3 = 10 nF
5
µs
H bridge circuit turn OFF time
TOFFH
RM = 20
Ω
5
µs
Notes 1. When VDD < VM, a current (IM1) always flow from the VM1 pin to the charge pump circuit because a gate voltage
(2
× VDD + VM) is generated.
2. When IN1 = IN2 = INC = “H”, PS = “L”
3. Sum of ON resistances of top and bottom transistors
4. For the excitation direction, refer to FUNCTION TABLE.
5. VX is a voltage at point A (FORWARD) or B (REVERSE) of the H bridge in Function Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com