Electronic Components Datasheet Search
  English  ▼

X  

UPD16803GS Datasheet(PDF) 7 Page - NEC

Part # UPD16803GS
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16803GS Datasheet(HTML) 7 Page - NEC

Back Button UPD16803GS Datasheet HTML 3Page - NEC UPD16803GS Datasheet HTML 4Page - NEC UPD16803GS Datasheet HTML 5Page - NEC UPD16803GS Datasheet HTML 6Page - NEC UPD16803GS Datasheet HTML 7Page - NEC UPD16803GS Datasheet HTML 8Page - NEC UPD16803GS Datasheet HTML 9Page - NEC UPD16803GS Datasheet HTML 10Page - NEC UPD16803GS Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PC2100AGF
µ
OSC
CIRCUIT
BAND GAP
REFERENCE
CHARGE
PUMP
LEVEL CONTROL
CIRCUIT
SWITCH
CIRCUIT
CONTROL
CIRCUIT
LEVEL
SHIFT
“H”
BRIDGE 2
“H”
BRIDGE 1
0.01 F
0.22 F
µ
µ
0.01 F
µ
0.01 F
µ
VDD
RX
VG
2
× VDD + VM
VM1
VM
VM2
1A
1B
2A
2B
PGND
PGND
C1L
C2L
C1H
C2H
Connected in diffusion layer
PS
IN1
IN2
INC
DGND
SPF0
PH11
PH21
PH11
PH21
STB0
Step input
Direction
Internal circumference seek
External circumference seek
PC2100AGF Stepping Motor Excitation Timing Chart
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com