Electronic Components Datasheet Search
  English  ▼

X  

RN1723 Datasheet(PDF) 3 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 3 Page - Microchip Technology

  RN1723 Datasheet HTML 1Page - Microchip Technology RN1723 Datasheet HTML 2Page - Microchip Technology RN1723 Datasheet HTML 3Page - Microchip Technology RN1723 Datasheet HTML 4Page - Microchip Technology RN1723 Datasheet HTML 5Page - Microchip Technology RN1723 Datasheet HTML 6Page - Microchip Technology RN1723 Datasheet HTML 7Page - Microchip Technology RN1723 Datasheet HTML 8Page - Microchip Technology RN1723 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 3
RN1723
1.0
DEVICE OVERVIEW
The RN1723 is a stand-alone, embedded 802.11 b/g
Wireless Local Area Network (WLAN) module. The
module incorporates an on-board TCP/IP networking
stack, cryptographic accelerator, power management
subsystem, real-time clock, versatile sensor interface,
2.4 GHz transceiver, and RF power amplifier (see
Figure 1-1). With the RN1723, designers can embed
Wi-Fi and networking functionality rapidly into virtually
any device.
The RN1723 provides cost and time-to-market savings
as a self-contained, Internet-enabling solution. The
module has been designed to provide designers with a
simple Wi-Fi solution that features:
• Ease of integration and programming
• Vastly reduced development time
• Minimum system cost
• Long battery life
• Maximum value in a range of applications
The RN1723 is configured with a simple ASCII com-
mand language. The “WiFly Command Reference,
Advanced Features and Applications User's Guide”
(DS50002230), which is available for download from
www.microchip.com, contains a complete listing and
instructions of the ASCII command interface.
In the simplest configuration, the module requires only
power, ground, and UART Transmit (TX) and Receive
(RX) connections. The RN1723 module can interface
to low-cost microcontrollers using only two wires,
UART TX and RX.
The RN1723 has a versatile sensor interface that can
be
used
to
monitor
analog
signals
such
as
temperature, audio, motion, and acceleration.
The module has a small form factor, which makes it
easy
to
integrate.
Additionally,
the
module
is
compatible with standard pick-and-place equipment.
The RN1723 is ideal for a vast range of applications
that require long battery life, moderate processing
power, moderate data throughput and occasional Wi-Fi
connectivity, such as:
• Real-Time Locationing Systems (RTLS)
• Industrial and home automation
• Health and fitness monitoring
• Telemetry
•Security
Additionally, the module is perfect for mobile wireless
applications, such as asset monitoring and sensors.
The RN1723 can independently maintain a low-power
wireless network connection. Ultra-low power usage
and
flexible
power
management
maximize
the
module’s lifetime in battery-operated devices. A wide
operating temperature range allows use in indoor and
outdoor environments (i.e., industrial temperature
range).
When operating in Sleep mode, the module minimizes
battery usage while still being able to respond to certain
events, including internal timers and events on the sen-
sor interfaces. Applications that make efficient use of
the Sleep state can extend battery life to multiple years.
The RN1723 has modular device approval for
operation in the United States (FCC) and Canada (IC).
The RN1723 module is an R&TTE Directive assessed
radio module for operation in Europe. Refer to
Section 4.0
“Regulatory
Approval”
for
more
information.
FIGURE 1-1:
RN1723 MODULE BLOCK DIAGRAM
Radio
PA
Accelerator
ADC
2 MB ROM
Timers
SPI
GPIO
UART
Sensor Interface
Management
Flash
Memory
SPI
GPIO
UART
VDD IN
VDD BATT
2.4 GHz
TX/RX
External
Antenna
RN1723
128 KB
RAM
32-bit
CPU
802.11 b/g
MAC/PHY
Power
2.4 GHz
2.4 GHz
Crypto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com