Electronic Components Datasheet Search
  English  ▼

X  

RN1723 Datasheet(PDF) 7 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 7 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 3Page - Microchip Technology RN1723 Datasheet HTML 4Page - Microchip Technology RN1723 Datasheet HTML 5Page - Microchip Technology RN1723 Datasheet HTML 6Page - Microchip Technology RN1723 Datasheet HTML 7Page - Microchip Technology RN1723 Datasheet HTML 8Page - Microchip Technology RN1723 Datasheet HTML 9Page - Microchip Technology RN1723 Datasheet HTML 10Page - Microchip Technology RN1723 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2015 Microchip Technology Inc.
DS70005224A-page 7
RN1723
1.3
Mounting Details
Figure 1-4
and
Figure 1-5
show
the
physical
dimensions of the RN1723 module. Figure 1-6 shows
the recommended host PCB layout.
FIGURE 1-4:
RN1723 MODULE
PHYSICAL DIMENSIONS
(TOP AND SIDE VIEW)
FIGURE 1-5:
RN1723 MODULE
PHYSICAL DIMENSIONS
(BOTTOM VIEW)
FIGURE 1-6:
RECOMMENDED HOST
PCB FOOTPRINT
Top View
Side
View
Note: Pads at:
0.190 x 0.890
0.260 x 0.025
0.575 x 1.035
are grounded plated through holes for shield mounting
Bottom
View
Dimensions are in inches.
Tolerances:
PCB Outline: +/- 0.005”
PCB Thickness: +/- 0.001”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com