Electronic Components Datasheet Search
  English  ▼

X  

RN1723 Datasheet(PDF) 12 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 12 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 8Page - Microchip Technology RN1723 Datasheet HTML 9Page - Microchip Technology RN1723 Datasheet HTML 10Page - Microchip Technology RN1723 Datasheet HTML 11Page - Microchip Technology RN1723 Datasheet HTML 12Page - Microchip Technology RN1723 Datasheet HTML 13Page - Microchip Technology RN1723 Datasheet HTML 14Page - Microchip Technology RN1723 Datasheet HTML 15Page - Microchip Technology RN1723 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
RN1723
DS70005224A-page 12
 2015 Microchip Technology Inc.
2.7
General Purpose Input/Output
(GPIO) Pins
The RN1723 module has 14 GPIO (GPIO1 through
GPIO14) pins that can be commanded by ASCII com-
mands. GPIO10 through GPIO14 pins have secondary
functions for the UART (TX, RX, CTS, and RTS), while
others can control connection modes, LEDs, etc.
Refer to the “WiFly Command Reference, Advanced
Features
and
Applications
User's
Guide”
(DS50002230) for information on configuring and
controlling the module.
2.8
Flash Voltage Supply
The FLASH_POWER pin on the RN1723 module is
used to power the internal Flash memory of the mod-
ule. However, it can also supply other external compo-
nents, up to a limit of 25 mA total current. When the
RN1723 is in Sleep mode, it does not drive this supply.
2.9
Power Management
The module supports an ultra-low power Sleep state,
from which it can wake for a range of detected reasons.
It transitions from sleep to CPU active in 1.7 ms, and
from CPU active to network connection in less than 35
ms (typical). The RN1723 also supports a Doze state
that provides an instant transition from Sleep to a Wake
state.
2.9.1
FORCE AWAKE
The RN1723 module may be forced awake by assert-
ing the FORCE_AWAKE pin for at least 245 ms. If the
FORCE_AWAKE pin remains asserted, the module is
prevented from sleeping or dozing.
2.9.2
POWER SUPPLY
The RN1723 module is designed to operate with a wide
range of batteries, as well as a linear power supply.
A power source that supplies a constant voltage
greater than 3.0V can drive the module directly, as
shown in Figure 2-3.
FIGURE 2-3:
POWER SUPPLY FOR BATTERY (3.0V TO 3.7V)
SREG_3V3_CTRL (48)
Battery
3.0V to 3.7V
VBATT (49)
VDD (10, 34)
RN1723



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com