Electronic Components Datasheet Search
  English  ▼

X  

RN1723 Datasheet(PDF) 6 Page - Microchip Technology

Part # RN1723
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1723 Datasheet(HTML) 6 Page - Microchip Technology

Back Button RN1723 Datasheet HTML 2Page - Microchip Technology RN1723 Datasheet HTML 3Page - Microchip Technology RN1723 Datasheet HTML 4Page - Microchip Technology RN1723 Datasheet HTML 5Page - Microchip Technology RN1723 Datasheet HTML 6Page - Microchip Technology RN1723 Datasheet HTML 7Page - Microchip Technology RN1723 Datasheet HTML 8Page - Microchip Technology RN1723 Datasheet HTML 9Page - Microchip Technology RN1723 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
RN1723
DS70005224A-page 6
 2015 Microchip Technology Inc.
37
SENSOR6
AI
Sensor interface 6(4)
38
SENSOR7
AI
Sensor interface 7(4)
39
GND
P
Ground reference
40
RESET
DI
Module Reset. Internal 100 k
 pull-up resistor. Apply a pulse of at
least 160 µs
41
FORCE_AWAKE
DI
Module force awake. Internal 100 k
 pull-down resistor. Apply pulse
for at least 245 µs. While FORCE_AWAKE is asserted, the module is
prevented from sleeping
42
GPIO14
DIO
General purpose I/O 14(1,2)
43
RTS/GPIO13
DO/DIO UART asynchronous output/general purpose I/O(1,2)
44
CTS/GPIO12
DI/DIO
UART asynchronous input/general purpose I/O(1,2)
45
RX/GPIO11
DI/DIO
UART asynchronous input/general purpose I/O(1,2)
46
TX/GPIO10
DO/DIO UART asynchronous output/general purpose I/O(1,2)
47
GND
P
Ground reference
48
SREG_3V3_CTRL
P
Battery boost circuit control
49
VBATT
P
Battery voltage
TABLE 1-1:
PIN DESCRIPTIONS (CONTINUED)
Pin #
Name
Type
Description
Legend: A = Analog;
D = Digital;
I = Input;
O = Output
P = Power
Note 1:
Refer to Section 5.0 “Electrical Characteristics” for the GPIO voltage and current limitations.
2:
Digital input/output (bidirectional) 8 mA drive, ~83 K internal pull-down. 3.3V tolerant.
Reset State: Pull-down.
3:
Digital input/output (bidirectional) 24 mA drive, no internal pull-down. 3.3V tolerant.
Reset State: High-Z (do not allow to float).
4:
Analog input. 0-400 mV (do not exceed 1.2V DC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com