Electronic Components Datasheet Search
  English  ▼

X  

RN4020 Datasheet(PDF) 4 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 4 Page - Microchip Technology

  RN4020 Datasheet HTML 1Page - Microchip Technology RN4020 Datasheet HTML 2Page - Microchip Technology RN4020 Datasheet HTML 3Page - Microchip Technology RN4020 Datasheet HTML 4Page - Microchip Technology RN4020 Datasheet HTML 5Page - Microchip Technology RN4020 Datasheet HTML 6Page - Microchip Technology RN4020 Datasheet HTML 7Page - Microchip Technology RN4020 Datasheet HTML 8Page - Microchip Technology RN4020 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RN4020
DS50002279B-page 4
 2015 Microchip Technology Inc.
TABLE 1-1:
PIN DESCRIPTION
Pin
Name
Description
Function
1
GND
Ground
Ground
2
AIO2
Bi-directional with programmable analog I/O
1.35V and 30 mA max out
3
AIO1
Bi-directional with programmable analog I/O
1.35V and 30 mA max out
4
AIO0
Bi-directional with programmable analog I/O
1.35V and 30 mA max out
5
UART TX
UART Transmit (TX)
Output
6
UART RX
UART Receive (RX)
Input
7
WAKE_SW
Deep Sleep Wake; active-high to wake module from
Deep Sleep. If the module runs without a host micro-
controller, connect the UART_RX pin to VDD via a
10K resistor to conserve power in Deep Sleep.
Input; weak pull down
8CMD/MLDP
Command or MLDP mode – In Command mode,
UART traffic is sent to the command interpreter. In
MLDP mode, UART traffic is routed to the MLDP
Bluetooth LED connection, if active.
Input; Edge triggered; Change
from High to Low to enter CMD
mode from MLDP mode
9
GND
Ground
Ground
10
CONNECTION
LED
PIO[1]
SCK
PWM1
Default state is output. Active-high indicates the
module is connected to a remote device. Active-low
indicates a disconnected state. Configurable as
PIO[1] via software command. SCK for Diagnostics
and Factory Calibration if pin 17 is asserted.
• Connection Status Indicator
(Green LED)
• PIO[1]
•SCK
•PWM1
11
MLDP_EV
PIO[2]
CS
PWM2
Default function is output used for MLDP data event
indicator (Red LED). Active-high indicates MLDP
data received or UART console data pending. Low
level indicates no events. Event is only triggered in
MLDP mode, when CMD/MLDP (pin 8) is high.
Configurable as PIO[2] via “|I” and “|O” commands.
CS for Diagnostics and Factory Calibration if pin 17
is asserted.
• MLDP Data Indicator (Red
LED)
• PIO[2]
•CS
•PWM2
12
WS
PIO[3]
MOSI
PWM3
Default function is an output used for Activity
Indicator (Blue LED). High level indicates module is
awake and active. Low level indicates module is in a
Sleep state. Accessible as PIO[3] via “|>” and “|<”
commands. MOSI for Diagnostics and Factory
Calibration if pin 17 is asserted.
• WS (Blue LED)
• PIO[3]
•MOSI
•PWM3
13
PIO[4]
MISO
MISO for Diagnostics and Factory Calibration if pin
17 asserted.
• PIO[4]
•MISO
14
CTS
PIO[5]
Reserved for CTS if hardware flow control is enabled
on the UART; active-low.
• CTS (input)
• PIO[5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com