Electronic Components Datasheet Search
  English  ▼

X  

RN4020 Datasheet(PDF) 6 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 6 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 2Page - Microchip Technology RN4020 Datasheet HTML 3Page - Microchip Technology RN4020 Datasheet HTML 4Page - Microchip Technology RN4020 Datasheet HTML 5Page - Microchip Technology RN4020 Datasheet HTML 6Page - Microchip Technology RN4020 Datasheet HTML 7Page - Microchip Technology RN4020 Datasheet HTML 8Page - Microchip Technology RN4020 Datasheet HTML 9Page - Microchip Technology RN4020 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
RN4020
DS50002279B-page 6
 2015 Microchip Technology Inc.
2.0
GENERAL SPECIFICATIONS
Table 2-1 provides the general specifications of the
module. Table 2-2 and Table 2-3 shows the weight and
dimensions, and electrical characteristics of the mod-
ule. Table 2-4 and Table 2-5 specify the current con-
sumption of the module.
TABLE 2-1:
GENERAL SPECIFICATIONS
Specification
Description
Standard
Bluetooth 4.1
Frequency Band
2.4 ~ 2.48 GHz
Modulation Method
GFSK
Maximum Data Rate
1 Mbps
Antenna
PCB
Interface
UART, PIO, AIO, SPI
Operation Range
100 meters(1)
Sensitivity
-92.5 dBm at 0.1% BER
RF TX Power
-19.0 dBm to +7.5 dBm
Temperature (operating)
-30°C to +85°C
Temperature (storage)
-40°C to +85°C
Humidity
10% ~ 90%
non-condensing
Note 1: Maximum range under ideal conditions
such as RF matching, line of sight, maxi-
mum power. Actual results may vary
depending on the customer’s design.
TABLE 2-2:
WEIGHT AND DIMENSIONS
Specification
Description
Dimensions
11.5 x 19.5 x 2.5 mm
Weight
1.2g
TABLE 2-3:
ELECTRICAL
CHARACTERISTICS
Specification
Description
Supply Voltage
1.8 to 3.6V DC
Working current
Depends on profiles, 12 mA
typical
TABLE 2-4:
CURRENT CONSUMPTION
Mode
Typical Current at 3V
Dormant
<900 nA
Deep Sleep
<5.0 µA
Idle
<1.5 mA
TX/RX active
16 mA
TABLE 2-5:
CURRENT CONSUMPTION VS
RF TX POWER
RN4020, VDD = 3.3V, 25°C
TX Power (dBm)
Id (mA)
-19.1
14.0
-15.1
14.4
-10.9
15.0
-6.9
15.9
-2.5
17.6
1.6
20.7
5.8
26.9
7.5
33.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com