Electronic Components Datasheet Search
  English  ▼

X  

RN4020 Datasheet(PDF) 15 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 15 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 11Page - Microchip Technology RN4020 Datasheet HTML 12Page - Microchip Technology RN4020 Datasheet HTML 13Page - Microchip Technology RN4020 Datasheet HTML 14Page - Microchip Technology RN4020 Datasheet HTML 15Page - Microchip Technology RN4020 Datasheet HTML 16Page - Microchip Technology RN4020 Datasheet HTML 17Page - Microchip Technology RN4020 Datasheet HTML 18Page - Microchip Technology RN4020 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002279B-page 15
RN4020
8.0
REGULATORY APPROVAL
This section outlines the regulatory information for the
RN4020 module for the following countries:
• United States
• Canada
• Europe
• Australia
• New Zealand
• Japan
• Korea
• Taiwan
8.1
United States
The RN4020 module has received Federal Communi-
cations Commission (FCC) CFR47 Telecommunica-
tions, Part 15 Subpart C “Intentional Radiators”
modular approval in accordance with Part 15.212 Mod-
ular Transmitter approval. Modular approval allows the
end user to integrate the RN4020 module into a fin-
ished product without obtaining subsequent and sepa-
rate FCC approvals for intentional radiation, provided
no changes or modifications are made to the module
circuitry. Changes or modifications could void the
user’s authority to operate the equipment. The end
user must comply with all of the instructions provided
by the Grantee, which indicate installation and/or oper-
ating conditions necessary for compliance.
The finished product is required to comply with all appli-
cable FCC equipment authorizations regulations,
requirements and equipment functions not associated
with the transmitter module portion. For example, com-
pliance must be demonstrated to regulations for other
transmitter components within the host product; to
requirements for unintentional radiators (Part 15 Sub-
part B “Unintentional Radiators”), such as digital
devices, computer peripherals, radio receivers, etc.;
and to additional authorization requirements for the
non-transmitter functions on the transmitter module
(i.e., Verification, or Declaration of Conformity) (e.g.,
transmitter modules may also contain digital logic func-
tions) as appropriate.
8.1.1
LABELING AND USER
INFORMATION REQUIREMENTS
The RN4020 module has been labeled with its own
FCC ID number, and if the FCC ID is not visible when
the module is installed inside another device, then the
outside of the finished product into which the module is
installed must also display a label referring to the
enclosed module. This exterior label can use wording
as follows:
A user’s manual for the product should include the fol-
lowing statement:
Additional information on labeling and user information
requirements for Part 15 devices can be found in KDB
Publication 784748 available at the FCC Office of Engi-
neering and Technology (OET) Laboratory Division
Knowledge Database (KDB)
http://apps.fcc.gov/oetcf/kdb/index.cfm.
RN4020:
Contains Transmitter Module FCC ID: T9JRN4020
or
Contains FCC ID: T9JRN4020
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation
This equipment has been tested and found to comply
with the limits for a Class B digital device, pursuant to
part 15 of the FCC Rules. These limits are designed
to provide reasonable protection against harmful
interference in a residential installation. This equip-
ment generates, uses and can radiate radio fre-
quency energy, and if not installed and used in
accordance with the instructions, may cause harmful
interference to radio communications. However,
there is no guarantee that interference will not occur
in a particular installation. If this equipment does
cause harmful interference to radio or television
reception, which can be determined by turning the
equipment off and on, the user is encouraged to try to
correct the interference by one or more of the follow-
ing measures:
• Reorient or relocate the receiving antenna.
• Increase the separation between the equipment
and receiver.
• Connect the equipment into an outlet on a circuit
different from that to which the receiver is con-
nected.
• Consult the dealer or an experienced radio/TV
technician for help.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com