Electronic Components Datasheet Search
  English  ▼

X  

RN4020 Datasheet(PDF) 7 Page - Microchip Technology

Part # RN4020
Description  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 Datasheet(HTML) 7 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 3Page - Microchip Technology RN4020 Datasheet HTML 4Page - Microchip Technology RN4020 Datasheet HTML 5Page - Microchip Technology RN4020 Datasheet HTML 6Page - Microchip Technology RN4020 Datasheet HTML 7Page - Microchip Technology RN4020 Datasheet HTML 8Page - Microchip Technology RN4020 Datasheet HTML 9Page - Microchip Technology RN4020 Datasheet HTML 10Page - Microchip Technology RN4020 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2015 Microchip Technology Inc.
DS50002279B-page 7
RN4020
3.0
MICROCONTROLLER TO
RN4020 INTERFACE
Figure 3-1 illustrates the interface between PIC
microcontroller and the RN4020 module.
The minimum interface consists of UART and
WAKE_HW lines. This enables the microcontroller to
communicate with the RN4020 module using ASCII
command API. The command API is described in
Section 6.0 “ASCII Command API”.
3.1
CTS/RTS Hardware Flow Control
For customer applications using the Microchip Low-
energy Data Profile, Pin 8 (CMD/MLDP) is required.
CTS/RTS hardware control is also required for this
service to avoid buffer overruns.
3.2
Microchip Low-energy Data Profile
(MLDP)
The Microchip Low-energy Data Profile is a private
BTLE service that provides a 50 kbps serial data trans-
port over Bluetooth Low Energy on the RN4020. Pin 8
(CMD/MLDP) is required. CTS/RTS hardware control
is also highly recommended for this service to avoid
data loss.
For more information on how to use the MLDP data ser-
vice, refer to RN4020 Bluetooth Low Energy
Module User’s Guide (DS70005191).
FIGURE 3-1:
INTERFACE DESCRIPTION
Note:
If the RN4020 is operated in a hostless mode (without a microcontroller), set the UART_RX pin to high
via a 10K resistor to reduce power consumption in Deep Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com