Electronic Components Datasheet Search
  English  ▼

X  

RN4870 Datasheet(PDF) 25 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 25 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 21Page - Microchip Technology RN4870 Datasheet HTML 22Page - Microchip Technology RN4870 Datasheet HTML 23Page - Microchip Technology RN4870 Datasheet HTML 24Page - Microchip Technology RN4870 Datasheet HTML 25Page - Microchip Technology RN4870 Datasheet HTML 26Page - Microchip Technology RN4870 Datasheet HTML 27Page - Microchip Technology RN4870 Datasheet HTML 28Page - Microchip Technology RN4870 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
FIGURE 5-3:
RN4870U REFERENCE CIRCUIT
GND
1
VBAT
2
P2_2
3
VDD_IO
4
VDD_IO
5
ULPC_O
6
P2_3
7
BK_O
8
P2_7/TX_IND
9
P1_1
10
P1_2/SCL
11
P1_3/SDA
12
UART_RX 20
UART_TX 21
P3_1 22
P3_2 23
P3_3 24
P3_4 25
P3_5 26
P0_7 27
P0_2 28
GND 29
BT_RF 30
GND
VBAT
P2_2
VDD_IO
VDD_IO
ULPC_O
P2_3
BK_O
P2_7/TX_IND
P1_1
P1_2/SCL
P1_3/SDA
UART_RX
UART_TX
P3_1
P3_2
P3_3
P3_4
P3_5
P0_7
P0_2
GND
BT_RF
RN4870U
U1
LD1
GND
GND
330
R1
GND
VCC
VCC
UART_TX
UART_RX
P0_2
P1_1
P1_2
P1_3
P0_7
P2_2
P2_3
P2_7
P3_1
P3_2
P3_3
P3_4
P3_5
4.7k
R2
VCC
P0_7
P3_1
P3_2
P3_3
P3_4
P3_5
STS2301
Q1
P0_0
P1_0
P2_0
P2_4
P3_6
P1_1
P1_2
P1_3
P2_3
P2_7
P2_2
Configurable I/O
P2_0
MODE
Low
High
Test Mode
APP Mode
P2_0
Low
High
MODE
Test Mode
APP Mode
1
2
J1
GND
1
2
3
4
5
J2
GND
Power Input
Reverse Voltage Protection
Configuration Interface
VCC
UART_TX
UART_RX
UART Interface
LED Option
P0_2
C3
C4
ANT1
1nH
L1
10uF 6.3V X5R
C1
GND
1uF
C2
GND
GND
Antenna Matching
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com