Electronic Components Datasheet Search
  English  ▼

X  

RN4870 Datasheet(PDF) 4 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 4 Page - Microchip Technology

  RN4870 Datasheet HTML 1Page - Microchip Technology RN4870 Datasheet HTML 2Page - Microchip Technology RN4870 Datasheet HTML 3Page - Microchip Technology RN4870 Datasheet HTML 4Page - Microchip Technology RN4870 Datasheet HTML 5Page - Microchip Technology RN4870 Datasheet HTML 6Page - Microchip Technology RN4870 Datasheet HTML 7Page - Microchip Technology RN4870 Datasheet HTML 8Page - Microchip Technology RN4870 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
RN4870/71
DS50002489A-page 4
 2016 Microchip Technology Inc.
9
11
15
15
P2_7
D I/O
A I/p
GPIO; default: Input; pulled-high
AD14
Configured as the TX_IND pin by default
10
12
P1_1
D I/O
A I/p
GPIO; default: Input; pulled-high
AD9
Configured as the BLEDK_STATUS1_IND pin by
default
11
13
2
3
P1_2
D I/O
A I/p
GPIO; default: Input; pulled-high
AD10
12
14
3
4
P1_3
D I/O
GPIO; default: Input; pulled-high
AD11
13
15
8
11
P0_0
D I/O
GPIO; default: Input; pulled-high
AD0
Configured as the UART_CTS pin by default
14
16
P1_0
D I/O
GPIO; default: Input; pulled-high
AD8
Configured as the BLEDK_STATUS2_IND pin by
default
15
17
6
9
P3_6
D I/O
GPIO; default: Input; pulled-high
PWM0
Configured as the UART_RTS pin by default
16
18
16
16
P2_0
D I/p
System configuration input;
1: Application mode
0: Test mode, for Flash update and EEPROM
settings
Default: Input; pulled-high
17
19
P2_4
D I/O
GPIO; default: Input; pulled-high
18
20
NC
No Connection
19
21
7
10
RST_N
D I/p
Module Reset; active-low; Internally pulled-high
20
22
5
7
UART_RX
D I/p
UART Data input
21
23
4
8
UART_TX
D O/p
UART Data output
22
24
P3_1
D I/O
GPIO; default: Input; pulled-high
Configured as RSSI_IND pin by default
23
25
P3_2
D I/p
GPIO; default: Input; pulled-high
Configured as the LINK_DROP pin by default
24
26
P3_3
D I/p
GPIO; default: Input; pulled-high
Configured as the UART RX Indication pin by
default
25
27
P3_4
D I/p
GPIO; default: Input; pulled-high
Configured as the PAIRING_KEY pin by default
26
28
P3_5
D I/O
A I/p
GPIO; default: Input; pulled-high
LED1; provides indication whether the module is
ON/OFF
27
29
P0_7
D I/O
GPIO; default: Input; pulled-high
Configured to the LOW_BATTERY_INDICATOR
pin by default
28
30
9
12
P0_2
D I/O
AD2
LED0: Provides indication whether the module is
in ON/OFF mode
29
31
17
2
GND
Power
Ground Reference
32
GND
Power
Ground Reference
TABLE 1-2:
PIN DESCRIPTION (CONTINUED)
RN4870U RN4870 RN4871U RN4871
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com