Electronic Components Datasheet Search
  English  ▼

X  

RN4870 Datasheet(PDF) 43 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 43 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 39Page - Microchip Technology RN4870 Datasheet HTML 40Page - Microchip Technology RN4870 Datasheet HTML 41Page - Microchip Technology RN4870 Datasheet HTML 42Page - Microchip Technology RN4870 Datasheet HTML 43Page - Microchip Technology RN4870 Datasheet HTML 44Page - Microchip Technology RN4870 Datasheet HTML 45Page - Microchip Technology RN4870 Datasheet HTML 46Page - Microchip Technology RN4870 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 43
RN4870/71
11.0 ORDERING INFORMATION
Table 11-1 provides ordering information for the RN4870/71 module.
Go to http://www.microchip.com for current pricing and a list of distributors carrying Microchip products.
TABLE 11-1:
ORDERING INFORMATION
Part Number
Description
RN4870-V/RM118
Bluetooth 4.2 BLE Single mode, Class 2, Surface mount module with antenna
and shield. Size: 12 mm x 22 mm
RN4870U-V/RM118
Bluetooth 4.2 BLE Single mode, Class 2, Surface mount module, external
antenna, no shield. Size: 12 mm x15 mm
RN4871-V/RM118
Bluetooth 4.2 BLE Single mode, Class 2, Surface mount module with antenna
and shield. Size: 9 mm x 11.5 mm
RN4871U-V/RM118
Bluetooth 4.2 BLE Single mode, Class 2, Surface mount module, external
antenna, no shield. Size: 6 mm x 8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com