Electronic Components Datasheet Search
  English  ▼

X  

RN4870 Datasheet(PDF) 42 Page - Microchip Technology

Part # RN4870
Description  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 Datasheet(HTML) 42 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 38Page - Microchip Technology RN4870 Datasheet HTML 39Page - Microchip Technology RN4870 Datasheet HTML 40Page - Microchip Technology RN4870 Datasheet HTML 41Page - Microchip Technology RN4870 Datasheet HTML 42Page - Microchip Technology RN4870 Datasheet HTML 43Page - Microchip Technology RN4870 Datasheet HTML 44Page - Microchip Technology RN4870 Datasheet HTML 45Page - Microchip Technology RN4870 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
RN4870/71
DS50002489A-page 42
 2016 Microchip Technology Inc.
10.6
Taiwan
The RN4870/71 module has received compliance
approval in accordance with the Telecommunications
Act. Customers seeking to use the compliance
approval in their product should contact Microchip
Technology sales or distribution partners to obtain a
Letter of Authority.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed.
10.6.1
LABELING AND USER
INFORMATION REQUIREMENTS
The RN4870 module is labeled with its own NCC ID
number, and if the NCC ID is not visible when the mod-
ule is installed inside another device, then the outside
of the device must also display a label referring to the
enclosed module. This exterior label can use wording
such as the following:
Due to the limited size of the RN4871, the NCC ID is
not displayed on the module. Therefore, the outside of
the device must also display a label referring to the
enclosed module. This exterior label can use wording
such as the following:
The user's manual should contain below warning (for
RF device) in traditional Chinese:
注意 !
依據 低功率電波輻射性電機管理辦法
第十二條 經型式認證合格之低功率射頻電機,
非經許可,
公司、商號或使用者均不得擅自變更頻率、加大
功率或變更原設計
之特性及功能。
第十四條 低功率射頻電機之使用不得影響飛航安
全及干擾合法通信;
經發現有干擾現象時,應立即停用,並改善至無
干擾時方得繼續使用。
前項合法通信,指依電信規定作業之無線電信。
低功率射頻電機須忍受合法通信或工業、科學及
醫療用電波輻射性
電機設備之干擾。
10.6.2
HELPFUL WEB SITES
National Communications Commission (NCC):
http://www.ncc.gov.tw.
10.7
Other Regulatory Jurisdictions
Should other regulatory jurisdiction certification be
required by the customer, or the customer need to
recertify the module for other reasons, a certification
utility is available. For further regulatory Certification
Utility and documentation, contact your local Microchip
Technology sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com