Electronic Components Datasheet Search
  English  ▼

X  

MCS3142 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 23Page - Microchip Technology MCS3142 Datasheet HTML 24Page - Microchip Technology MCS3142 Datasheet HTML 25Page - Microchip Technology MCS3142 Datasheet HTML 26Page - Microchip Technology MCS3142 Datasheet HTML 27Page - Microchip Technology MCS3142 Datasheet HTML 28Page - Microchip Technology MCS3142 Datasheet HTML 29Page - Microchip Technology MCS3142 Datasheet HTML 30Page - Microchip Technology MCS3142 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
MCS3142 Dual KEELOQ® Encoder Wireless Remote Control Development Kit User’s Guide
DS40001746A-page 26
 2014 Microchip Technology Inc.
The daughter board features the Semtech SX1239 Low-Power Integrated UHF
Receiver (http://www.semtech.com/wireless-rf/rf-receivers/sx1239/). The PICtail
daughter board can plug into the 28-pin PICtail connector, featured on many Microchip
Technology development tools.
The antenna connection has a pin socket for plugging a wire antenna. This
demonstrates a simple and low-cost antenna option.
The antenna pin socket can be removed by heating it with a soldering iron and cleaning
the connection. An SMA or reverse polarity SMA (RP-SMA) connector can be soldered
in place on the PCB. A whip or sleeve dipole antenna can then be used.
If an SMA+ different antenna is used, the matching circuit will be less ideal. Pre-made
antennas have a fixed, lower impedance. The wire used has a higher impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57