Electronic Components Datasheet Search
  English  ▼

X  

MCS3142 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 46Page - Microchip Technology MCS3142 Datasheet HTML 47Page - Microchip Technology MCS3142 Datasheet HTML 48Page - Microchip Technology MCS3142 Datasheet HTML 49Page - Microchip Technology MCS3142 Datasheet HTML 50Page - Microchip Technology MCS3142 Datasheet HTML 51Page - Microchip Technology MCS3142 Datasheet HTML 52Page - Microchip Technology MCS3142 Datasheet HTML 53Page - Microchip Technology MCS3142 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
SX1239 Receiver PICtail™ Daughter Board Schematics
 2014 Microchip Technology Inc.
DS40001746A-page 49
TABLE B-1:
SX1239 RECEIVER PICtail™ BILL OF MATERIALS
Designator
Value
Description
Vendor
Part number
C6, C7, C8, C9
15 pF
Capacitor
Murata
GRM1555C1H150JZ01D
C3, C4
0.1 µF
Capacitor
Murata
GRM155R71C104KA88D
A1
N/A
Wire, 24 AWG
Alpha Wire
3050/1 YL005
E1
N/A
Pin Receptacle
Mill-max
0667-0-15-01-30-27-10-0
J1
N/A
Terminal strip
SAMTEC
TSW-114-08-F-D-RA
S1
N/A
Switch, DPDT
E-Switch
EG1390A
U1
SX1239
RF Receiver
Semtech
SX1239IMLTRT
Y1
32 MHz
Crystal
TXC
7M-32.000MEEQ-T
C2
2.7 pF
Capacitor
Murata
GRM1555C1H2R7CA01D
C1
7.5 nH
Inductor
Murata
LQG15HS7N5J02D
C5
5.6 pF
Capacitor
Murata
GRM1555C1H5R6DA01D
L1
DNP
Do not populate
DNP
DNP
L2
DNP
Do not populate
DNP
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com