| Electronic Components Datasheet Search |
|
MCS3142 Datasheet(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142 Datasheet(HTML) 31 Page - Microchip Technology |
|
31 / 57 page ![]() MCS3142 DUAL KEELOQ® ENCODER WIRELESS REMOTE CONTROL DEVELOPMENT KIT USER’S GUIDE 2014 Microchip Technology Inc. DS40001746A-page 30 Chapter 7. KEELOQ MPLAB X Plugin 7.1 INTRODUCTION The KEELOQ plugin is a utility that provides Serialized Quick Turn Programming (SQTP) file generation for all HCS/MCS devices. Since the entire configuration is done within the context of an existing MPLAB X project, it can be used as a general KEELOQ programmer. 7.2 INSTALL The plugin requires an existing MPLAB X project with an appropriate KEELOQ device selected as its target to be set as the main project. The tool uses the current main project inside of MPLAB X to select the correct device and workspace to attach the generated code. The KEELOQ plugin is available from the Plugin Center of MPLAB X. To manually install, open up MPLAB X and browse to: Tools->Plugins->Avail- able Plugins and then locate the KEELOQ plugin in the available plugins list. 1. An MPLAB X project must first be created or opened with the correct KEELOQ device selected. Select File->New Project to start a new project. Follow the rest of the steps, making sure to select a device from the KEELOQ Family. FIGURE 7-1: SELECTING AN HCS200 KEELOQ DEVICE IN STEP 2 OF THE NEW PROJECT CREATION INSIDE OF MPLAB X For more information about MPLAB X New Project Creation, please see the MPLAB X documentation. |