Electronic Components Datasheet Search
  English  ▼

X  

MCS3142 Datasheet(PDF) 54 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 49Page - Microchip Technology MCS3142 Datasheet HTML 50Page - Microchip Technology MCS3142 Datasheet HTML 51Page - Microchip Technology MCS3142 Datasheet HTML 52Page - Microchip Technology MCS3142 Datasheet HTML 53Page - Microchip Technology MCS3142 Datasheet HTML 54Page - Microchip Technology MCS3142 Datasheet HTML 55Page - Microchip Technology MCS3142 Datasheet HTML 56Page - Microchip Technology MCS3142 Datasheet HTML 57Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
Embedded Security Development Board Schematics
 2014 Microchip Technology Inc.
DS40001746A-page 53
TABLE C-1:
EMBEDDED SECURITY BOARD BILL OF MATERIALS
Qty
Part
Value
Manufacturer
MFG Part Number
1VDD
VDD
Keystone
5010
GND
GND
Keystone
5011
1
BT1
BK-885
MPD
BK-885
3
C8
8 pF
TDK Corporation
C1608C0G1H080D
C9
8 pF
TDK Corporation
C1608C0G1H080D
C17
8 pF
TDK Corporation
C1608C0G1H080D
2
C10
9 pF
TDK Corporation
C1608C0G1H090D
C11
9 pF
TDK Corporation
C1608C0G1H090D
1
C18
10 pF
TDK Corporation
C1608C0G1H100D
1
C19
100 pF
TDK Corporation
C1608C0G1H101J
11
C1
0.1 µF
Murata
GRM188R71E104KA01D
C2
0.1 µF
Murata
GRM188R71E104KA01D
C3
0.1 µF
Murata
GRM188R71E104KA01D
C4
0.1 µF
Murata
GRM188R71E104KA01D
C5
0.1 µF
Murata
GRM188R71E104KA01D
C6
0.1 µF
Murata
GRM188R71E104KA01D
C7
0.1 µF
Murata
GRM188R71E104KA01D
C14
0.1 µF
Murata
GRM188R71E104KA01D
C16
0.1 µF
Murata
GRM188R71E104KA01D
C21
0.1 µF
Murata
GRM188R71E104KA01D
C22
0.1 µF
Murata
GRM188R71E104KA01D
5
C12
1 µF
Murata
GRM188R61A105MA61D
C13
1 µF
Murata
GRM188R61A105MA61D
C15
1 µF
Murata
GRM188R61A105MA61D
C20
1 µF
Murata
GRM188R61A105MA61D
C23
1 µF
Murata
GRM188R61A105MA61D
1
D1
B0520WS
Diodes Inc.
B0520WS-7-F
1
D3
Fairchild Semiconductor
BAT54
D2
Lite-On
LTST-C191GKT
D4
Lite-On
LTST-C191GKT
D5
Lite-On
LTST-C191GKT
D6
Lite-On
LTST-C191GKT
D7
Lite-On
LTST-C191GKT
D8
Lite-On
LTST-C191GKT
D9
Lite-On
LTST-C191GKT
D10
Lite-On
LTST-C191GKT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com