Electronic Components Datasheet Search
  English  ▼

X  

BA2115FVM Datasheet(PDF) 13 Page - Rohm

Part # BA2115FVM
Description  Low Noise Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2115FVM Datasheet(HTML) 13 Page - Rohm

Back Button BA2115FVM Datasheet HTML 9Page - Rohm BA2115FVM Datasheet HTML 10Page - Rohm BA2115FVM Datasheet HTML 11Page - Rohm BA2115FVM Datasheet HTML 12Page - Rohm BA2115FVM Datasheet HTML 13Page - Rohm BA2115FVM Datasheet HTML 14Page - Rohm BA2115FVM Datasheet HTML 15Page - Rohm BA2115FVM Datasheet HTML 16Page - Rohm BA2115FVM Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
13/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
0
10
20
30
40
50
1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY [Hz]
-180
-150
-120
-90
-60
-30
0
Gain
Phase
○
BA2107
(*)The above data is measurement value of typical sample, it is not guaranteed.
10
2
10
3
10
4
10
5
10
6
10
7
Figure 22.
Total Harmonic Distortion - Output Voltage
(VCC/VEE=2.5V/-2.5V, RL=2kΩ
80kHz-LPF, TA=25℃)
Figure 23.
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=2.5V/-2.5V)
Figure 24.
Voltage Gain - Frequency
(VCC/VEE=2.5V/-2.5V, Av=40dB, RL=10kΩ)
0
10
20
30
40
1
10
100
1000
10000
FREQUENCY [Hz]
0.001
0.01
0.1
1
0.01
0.1
1
10
OUTPUT VOLTAGE [Vrms]
20kHz
1kHz
20Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com