Electronic Components Datasheet Search
  English  ▼

X  

BA2115FVM Datasheet(PDF) 2 Page - Rohm

Part # BA2115FVM
Description  Low Noise Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2115FVM Datasheet(HTML) 2 Page - Rohm

  BA2115FVM Datasheet HTML 1Page - Rohm BA2115FVM Datasheet HTML 2Page - Rohm BA2115FVM Datasheet HTML 3Page - Rohm BA2115FVM Datasheet HTML 4Page - Rohm BA2115FVM Datasheet HTML 5Page - Rohm BA2115FVM Datasheet HTML 6Page - Rohm BA2115FVM Datasheet HTML 7Page - Rohm BA2115FVM Datasheet HTML 8Page - Rohm BA2115FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
4
5
3
6
2
7
1
8
CH1
- +
CH2
+ -
OUT1
-IN1
+IN1
VEE
OUT2
-IN2
+IN2
VCC
Pin Configuration
SSOP5
Pin No.
Pin Name
1
+IN1
2
VEE
3
-IN1
4
OUT
5
VCC
SOP8, SOP-J8, MSOP8
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VEE
5
+IN2
6
-IN2
7
OUT2
8
VCC
Package
SSOP5
SOP8
SOP-J8
MSOP8
BA2107G
BA2115F
BA2115FJ
BA2115FVM
Ordering Information
B
A
2
1
x
x
x
x
x
-
x x
Part Number
BA2107G
BA2115xxx
Package
G
: SSOP5
F
: SOP8
FJ
: SOP-J8
FVM : MSOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP-J8)
TR: Embossed tape and reel
(SSOP5/MSOP8)
Line-up
Operating
Temperature
Range
Operating Supply
Voltage
(split supply)
Supply
Current
(Typ)
Slew
Rate
(Typ)
Package
Orderable
Part Number
-40°C to +85°C
±1.0V to ±7.0V
3.5mA
4V/µs
SSOP5
Reel of 3000
BA2107G-TR
SOP8
Reel of 2500
BA2115F-E2
SOP-J8
Reel of 2500
BA2115FJ-E2
MSOP8
Reel of 3000
BA2115FVM-TR
3
4
2
1
5
+
-
OUT
+IN
-IN
VEE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com