Electronic Components Datasheet Search
  English  ▼

X  

BA2115FVM Datasheet(PDF) 4 Page - Rohm

Part # BA2115FVM
Description  Low Noise Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2115FVM Datasheet(HTML) 4 Page - Rohm

  BA2115FVM Datasheet HTML 1Page - Rohm BA2115FVM Datasheet HTML 2Page - Rohm BA2115FVM Datasheet HTML 3Page - Rohm BA2115FVM Datasheet HTML 4Page - Rohm BA2115FVM Datasheet HTML 5Page - Rohm BA2115FVM Datasheet HTML 6Page - Rohm BA2115FVM Datasheet HTML 7Page - Rohm BA2115FVM Datasheet HTML 8Page - Rohm BA2115FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
4/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
Electrical Characteristics
○
BA2107 (Unless otherwise specified VCC=+2.5V, VEE=-2.5V, TA=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Input Offset Voltage
(Note 7)
VIO
-
1
6
mV
VOUT=0V, VICM=0V
Input Offset Current
(Note 7)
IIO
-
2
200
nA
VOUT=0V, VICM=0V
Input Bias Current
(Note 8)
IB
-
150
400
nA
VOUT=0V, VICM=0V
Supply Current
ICC
-
1.8
3.0
mA
Av=0dB, RL=∞, +IN=0V
Maximum Output Voltage(High)
VOH
4.5
4.8
-
V
RL≧2.5kΩ, VOHmin=VCC-0.5V
-
11.6
-
RL≧10kΩ, VCC=12V, VEE=0V
VRL=6V, VOH=VCC-0.4V
-
15.5
-
RL≧10kΩ, VCC=16V, VEE=0V
VRL=8V, VOH=VCC-0.5V
Maximum Output Voltage(Low)
VOL
0.5
0.2
-
V
RL≧2.5kΩ, VOLmin=VEE+0.5V
-
0.4
-
RL≧10kΩ, VCC=12V, VEE=0V
VRL=6V, VOL=VEE+0.4V
-
0.5
-
RL≧10kΩ, VCC=16V, VEE=0V
VRL=8V, VOL=VEE+0.5V
Output Source Current
ISOURCE
-
1.4
-
mA
-
Output Sink Current
ISINK
-
90
-
mA
-
Large Signal Voltage Gain
Av
60
80
-
dB
RL≧10kΩ, VOUT=2.5±2V
VICM=2.5V
Input Common-mode Voltage Range
VICM
±1.5
-
-
V
(VEE+1.0V) - (VCC-1.0V)
Common-mode Rejection Ratio
CMRR
60
74
-
dB
VICM=-1.5V to +1.5V
Power Supply Rejection Ratio
PSRR
60
80
-
dB
VEE=0V, VCC=2V to 16V
Slew Rate
SR
-
4
-
V/μs
Av=0dB, +IN=2VP-P
Gain Bandwidth Product
GBW
-
12
-
MHz
f=10kHz
Unity Gain Frequency
fT
-
3.4
-
MHz
0dB cross frequency
Input Referred Noise Voltage
VN
-
7
-
Hz
nV/
RS=600Ω, DIN-AUDIO
-
0.9
-
μVrms RS=600Ω, DIN-AUDIO
Total Harmonic Distortion
THD+N
-
0.008
-
%
Av=20dB, f=1kHz, DIN-AUDIO
(Note 7) Absolute value
(Note 8) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out from IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com