Electronic Components Datasheet Search
  English  ▼

X  

BA2115FVM Datasheet(PDF) 9 Page - Rohm

Part # BA2115FVM
Description  Low Noise Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2115FVM Datasheet(HTML) 9 Page - Rohm

Back Button BA2115FVM Datasheet HTML 5Page - Rohm BA2115FVM Datasheet HTML 6Page - Rohm BA2115FVM Datasheet HTML 7Page - Rohm BA2115FVM Datasheet HTML 8Page - Rohm BA2115FVM Datasheet HTML 9Page - Rohm BA2115FVM Datasheet HTML 10Page - Rohm BA2115FVM Datasheet HTML 11Page - Rohm BA2115FVM Datasheet HTML 12Page - Rohm BA2115FVM Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
9/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
○
BA2107
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 6.
Output Voltage - Supply Voltage
(RL=10kΩ)
Figure 7.
Output Voltage - Ambient Temperature
(VCC/VEE=+7.0V/-7.0V, RL=10kΩ)
Figure 8.
Output Voltage - Output Source Current
(VCC/VEE=+2.5V/-2.5V)
Figure 9.
Output Voltage - Output Sink Current
(VCC/VEE=+2.5V/-2.5V)
-10
-6
-2
2
6
10
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-10
-6
-2
2
6
10
±1
±2
±3
±4
±5
±6
±7
±8
SUPPLY VOLTAGE [V]
VOH
VOL
VOH
VOL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.4
0.8
1.2
1.6
2.0
OUTPUT SOURCE CURRENT [mA]
-3
-2.5
-2
-1.5
-1
-0.5
0
0
2
4
6
8
10
OUTPUT SINK CURRENT [mA]
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com