Electronic Components Datasheet Search
  English  ▼

X  

ADF4207 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4207
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4207 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4207 Datasheet HTML 2Page - Analog Devices ADF4207 Datasheet HTML 3Page - Analog Devices ADF4207 Datasheet HTML 4Page - Analog Devices ADF4207 Datasheet HTML 5Page - Analog Devices ADF4207 Datasheet HTML 6Page - Analog Devices ADF4207 Datasheet HTML 7Page - Analog Devices ADF4207 Datasheet HTML 8Page - Analog Devices ADF4207 Datasheet HTML 9Page - Analog Devices ADF4207 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
ADF4206/ADF4207/ADF4208
–6–
–Typical Performance Characteristics
FREQ-UNIT PARAM-TYPE DATA-FORMAT KEYWORD
IMPEDANCE – OHMS
GHz
S
MA
R
50
FREQ MAGS11
ANGS11
1.35
0.816886959
–51.80711782
1.45
0.825983016
–56.20373378
1.55
0.791737125
–61.21554647
1.65
0.770543186
–61.88187496
1.75
0.793897072
–65.39516615
1.85
0.745765233
–69.24884474
1.95
0.7517547
–71.21608147
2.05
0.745594889
–75.93169947
2.15
0.713387801
–78.8391674
2.25
0.711578577
–81.71934806
2.35
0.698487131
–85.49067481
2.45
0.669871818
–88.41958754
2.55
0.668353367
–91.70921678
FREQ MAGS11
ANGS11
0.0
0.957111193
–3.130429321
0.15
0.963546793
–6.686426265
0.25
0.953621785
–11.19913586
0.35
0.953757706
–15.35637483
0.45
0.929831379
–20.3793432
0.55
0.908459709
–22.69144845
0.65
0.897303634
–27.07001443
0.75
0.876862863
–31.32240763
0.85
0.849338092
–33.68058163
0.95
0.858403269
–38.57674885
1.05
0.841888714
–41.48606772
1.15
0.840354983
–45.97597958
1.25
0.822165839
–49.19163116
TPC 1. S-Parameter Data for the AD4208 RF1 Input
(Up to 2.5 GHz)
0
–5
–10
–15
–20
–25
–30
–35
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDD = 5V
VP = 5V
TA = +85 C
TA = +25 C
TA = –40 C
RF INPUT SENSITIVITY – GHz
TPC 2. Input Sensitivity for the ADF4208 (RF1)
FREQUENCY – Hz
2k
–2k
–1k
900M
1k
0
–90
–80
–70
–60
–30
–20
–50
–40
–10
–100
–90.5dBc/Hz
REFERENCE LEVEL =
–4.2dBm
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 19
TPC 3. ADF4208 RF1 Phase Noise (900 MHz, 200 kHz,
20 kHz)
FREQUENCY – Hz
400k
–400k
–200k
900M
200k
0
–90
–80
–70
–60
–30
–20
–50
–40
–10
–100
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 30
–90.2dBc/Hz
REFERENCE LEVEL =
–4.2dBm
TPC 4. ADF4208 RF1 Reference Spurs (900 MHz,
200 kHz, 20 kHz)
FREQUENCY OFFSET FROM 900MHz CARRIER
–40
100Hz
1MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
0.52 rms
10dB/DIVISION
RL = –40dBc/Hz
rms NOISE = 0.52
TPC 5. ADF4208 RF1 Integrated Phase Noise (900 MHz,
200 kHz, 20 kHz)
FREQUENCY OFFSET FROM 900MHz CARRIER
–40
100Hz
1MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1kHz
10kHz
100kHz
0.62 rms
10dB/DIVISION
RL = –40dBc/Hz
rms NOISE = 0.62
TPC 6. ADF4208 RF1 Integrated Phase Noise (900 MHz,
200 kHz, 35 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com