Electronic Components Datasheet Search
  English  ▼

X  

ADF4207 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4207
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4207 Datasheet(HTML) 4 Page - Analog Devices

  ADF4207 Datasheet HTML 1Page - Analog Devices ADF4207 Datasheet HTML 2Page - Analog Devices ADF4207 Datasheet HTML 3Page - Analog Devices ADF4207 Datasheet HTML 4Page - Analog Devices ADF4207 Datasheet HTML 5Page - Analog Devices ADF4207 Datasheet HTML 6Page - Analog Devices ADF4207 Datasheet HTML 7Page - Analog Devices ADF4207 Datasheet HTML 8Page - Analog Devices ADF4207 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
ADF4206/ADF4207/ADF4208
–4–
TIMING CHARACTERISTICS
Limit at
TMIN to TMAX
Parameter
(B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Setup Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Setup Time
t6
20
ns min
LE Pulsewidth
NOTES
Guaranteed by design but not production tested.
Specification subject to change without notice.
(VDD1 = VDD2 = 3 V
10%, 5 V
10%; VDD1, VDD2
≤ VP1, VP2 ≤ 6.0 V; AGNDRF1 = DGNDRF1 =
AGNDRF2 = DGNDRF2 = 0 V; TA = TMIN to TMAX unless otherwise noted, dBm referred to 50
.)
DB0 (LSB)
(CONTROL BIT C1)
CLOCK
DB21 (MSB)
DB20
DB2
DATA
LE
LE
t3
t4
t2
t5
t1
t6
DB1
(CONTROL BIT C2)
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C unless otherwise noted.)
VDD1 to GND
3
. . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD1 to VDD2 . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
VP1, VP2 to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VP1, VP2 to VDD1 . . . . . . . . . . . . . . . . . . . . –0.3 V to +5.5 V
Digital I/O Voltage to GND . . . . . . –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to GND . . . . . . . . . –0.3 V to VP + 0.3 V
OSCIN, OSCOUT, RF1IN (A, B),
RF2IN (A, B) to GND . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
RFINA to RFINB (RF1, RF2) . . . . . . . . . . . . . . . . . .
±320 mV
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
TSSOP
θJA Thermal Impedance . . . . . . . . . . . . . 150.4°C/W
CSP
θ
JA (Paddle Soldered)
. . . . . . . . . . . . . . . . . . . 122
°C/W
CSP
θJA (Paddle Not Soldered) . . . . . . . . . . . . . . . . 216°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2This device is a high-performance RF integrated circuit with an ESD rating of
< 2 kV and it is ESD sensitive. Proper precautions should be taken for handling
and assembly.
3GND = AGND = DGND = 0 V.
TRANSISTOR COUNT
11749 (CMOS) and 522 (Bipolar).
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
*
ADF4206BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADF4207BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-16
ADF4208BRU
–40
°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-20
*Contact the factory for chip availability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADF4206/ADF4207/ADF4208 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com