Electronic Components Datasheet Search
  English  ▼

X  

ADF4207 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4207
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4207 Datasheet(HTML) 3 Page - Analog Devices

  ADF4207 Datasheet HTML 1Page - Analog Devices ADF4207 Datasheet HTML 2Page - Analog Devices ADF4207 Datasheet HTML 3Page - Analog Devices ADF4207 Datasheet HTML 4Page - Analog Devices ADF4207 Datasheet HTML 5Page - Analog Devices ADF4207 Datasheet HTML 6Page - Analog Devices ADF4207 Datasheet HTML 7Page - Analog Devices ADF4207 Datasheet HTML 8Page - Analog Devices ADF4207 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
ADF4206/ADF4207/ADF4208
Parameter
B Version
B Chips
2
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
Phase Noise Floor (RF1)
7
ADF4206
–169
–169
dBc/Hz typ
@ 25 kHz PFD Frequency
ADF4207
–171
–171
dBc/Hz typ
@ 25 kHz PFD Frequency
ADF4208
–173
–173
dBc/Hz typ
@ 25 kHz PFD Frequency
ADF4206
–160
–160
dBc/Hz typ
@ 200 kHz PFD Frequency
ADF4207
–162
–162
dBc/Hz typ
@ 200 kHz PFD Frequency
ADF4208
–164
–164
dBc/Hz typ
@ 200 kHz PFD Frequency
Phase Noise Performance
8
@ VCO Output
ADF4206 (RF1, RF2)
–92
–92
dBc/Hz typ
@ 540 MHz Output, 200 kHz at PFD
ADF4207 (RF1, RF2)
–90
–90
dBc/Hz typ
@ 900 MHz Output, 200 kHz at PFD
ADF4207 (RF1, RF2)
9
–81
–81
dBc/Hz typ
@ 836 MHz, 30 kHz at PFD
ADF4208 (RF1)
–85
–85
dBc/Hz typ
@ 1750 MHz Output, 200 kHz at PFD
ADF4208 (RF1)
–91
–91
dBc/Hz typ
@ 900 MHz Output, 200 kHz at PFD
ADF4208 (RF1)
10
–66
–66
dBc/Hz typ
@ 1750 MHz Output, 200 kHz at PFD
ADF4208 (RF2)
–89
–89
dBc/Hz typ
@ 900 MHz Output, 200 kHz at PFD
Spurious Signals
RF1, RF2 (20 kHz Loop B/W)
–80/–84
–80/–84
dB typ
@ 200 kHz/400 kHz and 200 kHz PFD
RF1, RF2 (1 kHz Loop B/W)
–65/–73
–65/–73
dB typ
@10 kHz/20 kHz and 10 kHz PFD
NOTES
1Operating temperature range is as follows: B Version: –40
°C to +85°C.
2The B Chip specifications are given as typical values.
3This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that is
less than this value.
4V
DD1 = VDD2 = 3 V; For VDD1 = VDD2 = 5 V, use CMOS-compatible levels.
5Guaranteed by design. Sample tested to ensure compliance.
6Typical values apply for V
DD = 3 V; P = 32; RF1IN1/RF2IN2 for ADF4206 = 540 MHz; RF1IN1/RF2IN2 for ADF4207 = 900 MHz; RF1IN1/RF2IN2 for ADF4208 = 900 MHz.
7The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 logN (where N is the N divider value).
8The phase noise is measured at a 1 kHz unless otherwise noted. The phase noise is measured with the EVAL-ADF4206/ADF4207EB or the EVAL-AD4208EB Evaluation
Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN for the synthesizer (fREFOUT = 10 MHz @ 0 dBm).
9f
REFIN = 10 MHz; fPFD = 30 kHz; Offset Frequency = 300 Hz; fRF/IF = 836 MHz; N = 27866; Loop B/W = 3 kHz.
10f
REFIN = 10 MHz; fPFD = 10 kHz; Offset Frequency = 200 Hz; fRF = 1750 MHz; N = 175000; Loop B/W = 1 kHz.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com