Electronic Components Datasheet Search
  English  ▼

X  

ML620Q136 Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q136
Description  16-bit micro controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q136 Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q136 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
FEDL620Q130-02
ML620Q131/2/3/4/5/6
25/33
AC Characteristics (External Interrupt)
(VDD=1.6 to 5.5V, VSS =0V, Ta=-40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
External interrupt disable
period
TNUL
Interrupt: Enabled (MIE = 1),
CPU is executing NOP instruction
2.5
´
LSCLK
―
3.5
´
LSCLK
ms
tNUL
PA0 to PA2, PB0 to PB1
(Rising-edge interrupt)
(Falling-edge interrupt)
(Both-edge interrupt)
tNUL
tNUL
PA0 to PA2, PB0 to PB1
PA0 to PA2, PB0 to PB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com