Electronic Components Datasheet Search
  English  ▼

X  

ML620Q136 Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q136
Description  16-bit micro controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q136 Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q136 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
FEDL620Q130-02
ML620Q131/2/3/4/5/6
3/33
· Reset
‒ RESET_N pin reset
‒ Reset by power-on detection
‒ Reset by the watchdog timer (WDT) overflow
‒ Reset by RAM parity error (enable/disable can be selected)
‒ Reset by voltage level detection 0 (VLS0) (enable/disable can be selected)
‒ Reset by voltage level detection 1 (VLS1) (enable/disable can be selected)
‒ Reset by prohibition program address change
· Voltage level detect function
‒ 2 ch
‒ Threshold voltage: 12 values selectable
‒ Interrupt generation or reset generation can be selected
· Clock
‒ Low-speed clock
Internal low-speed RC oscillation (32.768 KHz)
‒ High-speed clock
PLL oscillation @ internal high-speed RC oscillation (32 MHz*1)
High-speed crystal oscillation (4 MHz)
PLL oscillation @ high-speed crystal oscillation (32 MHz*1*2)
‒ Selection of high-speed clock mode by software
PLL oscillation @ internal high-speed RC oscillation mode (16 MHz)
High-speed crystal oscillation mode (4 MHz)
PLL oscillation @ high-speed crystal oscillation mode (16 MHz)
*1) 32 MHz can be used only as the PWMC clock.
The maximum frequency of the system clock is 16 MHz.
*2) To use the high-speed crystal oscillation and PLL oscillation @ high-speed crystal oscillation, be sure to connect the
high-speed crystal (4 MHz).
· Power management
‒ HALT mode: Suspends the instruction execution by CPU (peripheral circuits are in operating states)
‒ STOP mode: Stops the low-speed oscillation and high-speed oscillation (Operations of CPU and peripheral circuits are
stopped.)
‒ Clock gear: The frequency of high-speed system clock can be changed by software (1/1, 1/2, 1/4, 1/8, or 1/16 of the
oscillation clock)
‒ Block Control Function: Powers down (reset registers and stop clock supply) the circuits of unused function blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com