Electronic Components Datasheet Search
  English  ▼

X  

ML620Q136 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q136
Description  16-bit micro controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q136 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q136 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q136 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
FEDL620Q130-02
ML620Q131/2/3/4/5/6
4/33
· Shipment
‒ 16-pin plastic SSOP
ML620Q131-xxxMB
(Works: ML620Q131-NNNMB)
ML620Q132-xxxMB
(Works: ML620Q132-NNNMB)
ML620Q133-xxxMB
(Works: ML620Q133-NNNMB)
xxx: ROM code number
‒ 16-pin WQFN
ML620Q131-xxxGD
(Works: ML620Q131-NNNGD)
ML620Q132-xxxGD
(Works: ML620Q132-NNNGD)
ML620Q133-xxxGD
(Works: ML620Q133-NNNGD)
xxx: ROM code number
‒ 20-pin plastic TSSOP
ML620Q134-xxxTD
(Works: ML620Q134-NNNTD)
ML620Q135-xxxTD
(Works: ML620Q135-NNNTD)
ML620Q136-xxxTD
(Works: ML620Q136-NNNTD)
xxx: ROM code number
· Guaranteed operating range
‒ Operating temperature: -40 to 105 °C
‒ Operating voltage: VDD = 1.6 to 5.5 V
The difference of ML620Q130 series is shown below.
Feature
ML620Q131
ML620Q132
ML620Q133
ML620Q134
ML620Q135
ML620Q136
Shipment
16-pin SSOP/
16-pin WQFN
20-pin TSSOP
FLASH capacity
(Program area)
8 KB
16 KB
24 KB
8 KB
16 KB
24 KB
Number of input channels
for successive
approximation type A/D
converter
6 ch
8 ch
Number of input-only
ports
1
(also used by the on-chip debug pin)
1
(also used by the on-chip debug pin)
Number of I/O ports
10
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com