Electronic Components Datasheet Search
  English  ▼

X  

AS7C1024A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C1024A
Description  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C1024A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AS7C1024A
AS7C31024A
9/26/02; 0.9.9
Alliance Semiconductor
P. 5 of 9
®
Write waveform 1 (WE controlled)
Write waveform 2 (CE1 and CE2 controlled)
Write cycle (over the operating range)
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10
–
12
–
15
–
20
–
ns
Chip enable (CE1) to write end
tCW1
8
–
10
–
12
–
12
–
ns
12
Chip enable (CE2) to write end
tCW2
8
–
10
–
12
–
12
–
ns
12
Address setup to write end
tAW
8
–
9
–
10
–
12
–
ns
Address setup time
tAS
0
–
0
–
0
–
0
–
ns
12
Write pulse width
tWP
7
–
8
–
9
–
12
–
ns
Write recovery time
tWR
0–
0
–
0
–
0
–
ns
Address hold from end of write
tAH
0–
0
–
0
–
0
–
ns
Data valid to write end
tDW
5
–
6
–
8
–
10
–
ns
Data hold time
tDH
0
–
0
–
0
–
0
–
ns
4, 5
Write enable to output in high Z
tWZ
–
6
–
6
–
6
–
8
ns
4, 5
Output active from write end
tOW
1
–
1
–
1
–
2
–
ns
4, 5
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tWR
tAW
Address
CE1
WE
DOUT
tCW1, tCW2
tWP
tDW
tDH
tAH
tWZ
tWC
tAS
CE2
Data valid
DIN
tWR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com