Electronic Components Datasheet Search
  English  ▼

X  

AS7C1024A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C1024A
Description  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C1024A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
May 2002
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C1024A
AS7C31024A
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
9/26/02; 0.9.9
Alliance Semiconductor
P. 1 of 9
Features
• AS7C1024A (5V version)
• AS7C31024A (3.3V version)
• Industrial and commercial temperatures
• Organization: 131,072 words x 8 bits
•High speed
- 10/12/15/20 ns address access time
- 5, 6, 7, 8 ns output enable access time
• Low power consumption: ACTIVE
- 853 mW (AS7C1024A) / max @ 10 ns
- 522 mW (AS7C31024A) / max @ 10 ns
• Low power consumption: STANDBY
- 55 mW (AS7C1024A) / max CMOS
- 36 mW (AS7C31024A) / max CMOS
• Latest 6T 0.25u CMOS technology
• Easy memory expansion with CE1, CE2, OE inputs
• TTL/LVTTL-compatible, three-state I/O
• 32-pin JEDEC standard packages
- 300 mil SOJ
- 400 mil SOJ
-8 × 20mm TSOP 1
- 8 x 13.4mm sTSOP 1
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
512
×256×8
Array
(1,048,576)
Input buffer
I/O0
I/O7
OE
CE1
WE
Column decoder
Control
circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
CE2
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
32-pin SOJ (300 mil)
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O4
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
I/O5
I/O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
32
31
30
29
28
27
26
25
24
23
22
21
20
19
15
16
18
17
32-pin (8 x 20mm) TSOP I
32-pin SOJ (400 mil)
32-pin (8 x 13.4mm) sTSOP1
Selection guide
-10
-12
-15
-20
Unit
Maximum address access time
10
12
15
20
ns
Maximum output enable access time
5
6
7
8
ns
Maximum
operating current
AS7C1024A
155
150
145
140
mA
AS7C31024A
145
140
135
130
mA
Maximum CMOS
standby current
AS7C1024A
10
10
10
10
mA
AS7C31024A
5
5
5
5
mA


Similar Part No. - AS7C1024A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
5V 128K X 8 CMOS SRAM
AS7C1024B-10JC ALSC-AS7C1024B-10JC Datasheet
111Kb / 9P
5V 128K X 8 CMOS SRAM
AS7C1024B-10JCN ALSC-AS7C1024B-10JCN Datasheet
111Kb / 9P
5V 128K X 8 CMOS SRAM
AS7C1024B-10STC ALSC-AS7C1024B-10STC Datasheet
111Kb / 9P
5V 128K X 8 CMOS SRAM
AS7C1024B-10STCN ALSC-AS7C1024B-10STCN Datasheet
111Kb / 9P
5V 128K X 8 CMOS SRAM
More results

Similar Description - AS7C1024A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
128Kx8 3.3V MONOLITHIC SRAM
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
5V / 3.3V 64KX16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com