Electronic Components Datasheet Search
  English  ▼

X  

AS7C1024A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C1024A
Description  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  AS7C1024A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AS7C1024A
AS7C31024A
9/26/02; 0.9.9
Alliance Semiconductor
P. 6 of 9
®
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE1 is required to meet ISB specification.
2
This parameter is sampled and not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A, B, and C.
4tCLZ and tCHZ are specified with CL = 5pF, as in Figure C. Transition is measured ±500mV from steady-state voltage.
5
This parameter is guaranteed, but not 100% tested.
6WE is High for read cycle.
7CE1 and OE are Low and CE2 is High for read cycle.
8
Address valid prior to or coincident with CE1 transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 CE1 or WE must be High or CE2 Low during address transitions. Either CE1 or WE asserting high terminates a write cycle.
11 All write cycle timings are referenced from the last valid address to the first transitioning address.
12 CE1 and CE2 have identical timing.
13 C=30pF, except all high Z and low Z parameters, C=5pF.
14 2V data retention applies to commercial temperature operating range only.
255
Ω
– Output load: see Figure B or Figure C.
– Input pulse level: GND to 3.0V. See Figure A.
– Input rise and fall times: 2 ns. See Figure A.
– Input and output timing reference levels: 1.5V.
C(14)
320
Ω
DOUT
GND
+3.3V
168
Ω
Thevenin equivalent:
DOUT
+1.728V (5V and 3.3V)
Figure C: 3.3V Output load
255
Ω
C(14)
480
Ω
DOUT
GND
+5V
Figure B: 5V Output load
10%
90%
10%
90%
GND
+3.0V
Figure A: Input pulse
2 ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com