Electronic Components Datasheet Search
  English  ▼

X  

CS8405A Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8405A
Description  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8405A Datasheet HTML 20Page - Cirrus Logic CS8405A Datasheet HTML 21Page - Cirrus Logic CS8405A Datasheet HTML 22Page - Cirrus Logic CS8405A Datasheet HTML 23Page - Cirrus Logic CS8405A Datasheet HTML 24Page - Cirrus Logic CS8405A Datasheet HTML 25Page - Cirrus Logic CS8405A Datasheet HTML 26Page - Cirrus Logic CS8405A Datasheet HTML 27Page - Cirrus Logic CS8405A Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
CS8405A
24
DS469PP4
9. PIN DESCRIPTION - SOFTWARE MODE
SDA/CDOUT
1
Serial Control Data I/O (Two-Wire Mode) / Data Out (SPI) (Input/Output)- In Two-Wire Mode, SDA is
the control I/O data line. SDA is open drain and requires an external pull-up resistor to VL+. In SPI
mode, CDOUT is the output data from the control port interface on the CS8405A
AD0/CS
2
Address Bit 0 (Two-Wire Mode) / Control Port Chip Select (SPI) (Input/Output) - A falling edge on
this pin puts the CS8405A into SPI control port mode. With no falling edge, the CS8405A defaults to
Two-Wire mode. In Two-Wire mode, AD0 is a chip address pin. In SPI mode, CS is used to enable the
control port interface on the CS8405A
AD2
3
Address Bit 2 (Two-Wire Mode) (Input) - Determines the AD2 address bit for the control port in Two-
Wire mode, and should be connected to DGND or VL+. If SPI mode is used, the AD2 pin should be con-
nected to DGND.
RXP
4
Auxiliary AES3 Receiver Port (Input) - Input for an alternate, already AES3 coded, audio data
source.
DGND2
DGND4
DGND3
DGND
5
7
8
22
Digital Ground (Input) - Ground for the digital section.
VD+
VL+
6
23
Positive Digital Power (Input) - Typically +5 V. VD+ must be +5 V while VL+ may be operated at 3.3 V
RST
9
Reset (Input)-When RST is low, the CS8405A enters a low power mode and all internal states are
reset. On initial power up, RST must be held low until the power supply is stable, and all input clocks are
stable in frequency and phase. This is particularly true in hardware mode with multiple CS8405A
devices, where synchronization between devices is important.
NC1
NC2
NC3
NC4
NC5
10
11
16
17
18
No Connect - These pins should not be connected to any signals or PCB trace. They may be driven
high and/or low by the CS8405A.
ILRCK
12
Serial Audio Input Left/Right Clock (Input/Output) - Word rate clock for the audio data on the SDIN
pin.
ISCLK
13
Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin.
SDIN
14
Serial Audio Data Port (Input) - Audio data serial input pin.
TCBL
15
Transmit Channel Status Block Start (Input/Output) - When operated as output, TCBL is high during
the first sub-frame of a transmitted channel status block, and low at all other times. When operated as
input, driving TCBL high for at least three OMCK clocks will cause the next transmitted sub-frame to be
the start of a channel status block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com